Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9550BCPZ Datasheet(PDF) 18 Page - Analog Devices

Part # AD9550BCPZ
Description  Integer-N Clock Translator for Wireline Communications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9550BCPZ Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9550BCPZ Datasheet HTML 12Page - Analog Devices AD9550BCPZ Datasheet HTML 13Page - Analog Devices AD9550BCPZ Datasheet HTML 14Page - Analog Devices AD9550BCPZ Datasheet HTML 15Page - Analog Devices AD9550BCPZ Datasheet HTML 16Page - Analog Devices AD9550BCPZ Datasheet HTML 17Page - Analog Devices AD9550BCPZ Datasheet HTML 18Page - Analog Devices AD9550BCPZ Datasheet HTML 19Page - Analog Devices AD9550BCPZ Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
AD9550
Rev. 0 | Page 18 of 20
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-220-WHHD.
1
0.50
BSC
BOTTOM VIEW
TOP VIEW
PIN 1
INDICATOR
32
9
16
17
24
25
8
EXPOSED
PAD
PIN 1
INDICATOR
3.25
3.10 SQ
2.95
SEATING
PLANE
0.05 MAX
0.02 NOM
0.20 REF
COPLANARITY
0.08
0.30
0.25
0.18
5.10
5.00 SQ
4.90
0.80
0.75
0.70
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
0.50
0.40
0.30
0.25 MIN
Figure 27. 32-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
5 mm × 5 mm Body, Very, Very Thin Quad
(CP-32-7)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
AD9550BCPZ
−40°C to +85°C
32-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
CP-32-7
AD9550BCPZ-REEL7
−40°C to +85°C
32-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
CP-32-7
AD9550/PCBZ
Evaluation Board
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com