Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP320 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP320
Description  Triple, 200 mA, Low Noise, High PSRR Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP320 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP320 Datasheet HTML 3Page - Analog Devices ADP320 Datasheet HTML 4Page - Analog Devices ADP320 Datasheet HTML 5Page - Analog Devices ADP320 Datasheet HTML 6Page - Analog Devices ADP320 Datasheet HTML 7Page - Analog Devices ADP320 Datasheet HTML 8Page - Analog Devices ADP320 Datasheet HTML 9Page - Analog Devices ADP320 Datasheet HTML 10Page - Analog Devices ADP320 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADP320
Rev. 0 | Page 7 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
VIN1/VIN2 = VIN3 =VBIAS = 4 V, VOUT1 = 3.3 V, VOUT2 = 1.8 V, VOUT3 = 1.5 V, IOUT = 10 mA, CIN = COUT1 = COUT2 = COUT3 = 1 μF, TA = 25°C,
unless otherwise noted.
3.27
3.28
3.29
3.30
3.31
3.32
3.33
–40
–5
25
85
125
TJ (°C)
LOAD = 1mA
LOAD = 5mA
LOAD = 10mA
LOAD = 50mA
LOAD = 100mA
LOAD = 200mA
Figure 3. Output Voltage vs. Junction Temperature
3.300
3.305
3.310
3.315
3.320
1
10
100
1000
ILOAD (mA)
Figure 4. Output Voltage vs. Load Current
3.300
3.305
3.310
3.315
3.320
3.6
3.8
4.0
4.2
4.4
4.6
4.8
5.0
5.2
5.4
VIN (V)
LOAD = 1mA
LOAD = 5mA
LOAD = 10mA
LOAD = 50mA
LOAD = 100mA
LOAD = 200mA
Figure 5. Output Voltage vs. Input Voltage
1.780
1.785
1.790
1.795
1.800
1.805
1.810
1.815
1.820
–40
–5
25
85
125
TJ (°C)
LOAD = 1mA
LOAD = 5mA
LOAD = 10mA
LOAD = 50mA
LOAD = 100mA
LOAD = 200mA
Figure 6. Output Voltage vs. Junction Temperature
1.800
1.805
1.810
1.815
1.820
1
10
100
1000
ILOAD (mA)
Figure 7. Output Voltage vs. Load Current
1.800
1.805
1.810
1.815
1.820
2.1
2.5
2.9
3.3
3.7
4.1
4.5
4.9
5.3
VIN (V)
LOAD = 1mA
LOAD = 5mA
LOAD = 10mA
LOAD = 50mA
LOAD = 100mA
LOAD = 200mA
Figure 8. Output Voltage vs. Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com