Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP320 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP320
Description  Triple, 200 mA, Low Noise, High PSRR Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP320 Datasheet(HTML) 3 Page - Analog Devices

  ADP320 Datasheet HTML 1Page - Analog Devices ADP320 Datasheet HTML 2Page - Analog Devices ADP320 Datasheet HTML 3Page - Analog Devices ADP320 Datasheet HTML 4Page - Analog Devices ADP320 Datasheet HTML 5Page - Analog Devices ADP320 Datasheet HTML 6Page - Analog Devices ADP320 Datasheet HTML 7Page - Analog Devices ADP320 Datasheet HTML 8Page - Analog Devices ADP320 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ADP320
Rev. 0 | Page 3 of 20
SPECIFICATIONS
VIN1/VIN2 = VIN3 = (VOUT + 0.5 V) or 1.8 V (whichever is greater), VBIAS = 2.5 V, EN1, EN2, EN3 = VBIAS, IOUT1 = IOUT2 = IOUT3 = 10 mA,
CIN = COUT1 = COUT2 = COUT3 = 1 μF, and TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT BIAS VOLTAGE RANGE
VBIAS
TJ = −40°C to +125°C
2.5
5.5
V
INPUT LDO VOLTAGE RANGE
VIN1/VIN2/ VIN3
TJ = −40°C to +125°C
1.8
5.5
V
GROUND CURRENT WITH ALL
REGULATORS ON
IGND
IOUT = 0 μA
85
μA
IOUT = 0 μA, TJ = −40°C to +125°C
160
μA
IOUT = 10 mA
120
μA
IOUT = 10 mA, TJ = −40°C to +125°C
220
μA
IOUT = 200 mA
250
μA
IOUT = 200 mA, TJ = −40°C to +125°C
380
μA
INPUT BIAS CURRENT
IBIAS
66
μA
TJ = −40°C to +125°C
140
μA
SHUTDOWN CURRENT
IGND-SD
EN1 = EN2 = EN3 = GND
0.1
μA
EN1 = EN2 = EN3 = GND, TJ = −40°C to +125°C
2.5
μA
OUTPUT VOLTAGE ACCURACY
VOUT
−1
+1
%
100 μA < IOUT < 200 mA, VIN = (VOUT + 0.5 V) to 5.5 V,
TJ = −40°C to +125°C
−2
+2
%
LINE REGULATION
∆VOUT/∆VIN
VIN = (VOUT + 0.5 V) to 5.5 V
0.01
%/ V
VIN = (VOUT + 0.5 V) to 5.5 V, TJ = −40°C to +125°C
−0.03
+0.03
%/ V
LOAD REGULATION1
∆VOUT/∆IOUT
IOUT = 1 mA to 200 mA
0.001
%/mA
IOUT = 1 mA to 200 mA, TJ = −40°C to +125°C
0.005
%/mA
DROPOUT VOLTAGE2
VDROPOUT
VOUT = 3.3 V
mV
IOUT = 10 mA
6
mV
IOUT = 10 mA, TJ = −40°C to +125°C
9
mV
IOUT = 200 mA
110
mV
IOUT = 200 mA, TJ = −40°C to +125°C
170
mV
START-UP TIME3
TSTART-UP
VOUT = 3.3 V, all VOUT initially off, enable one
240
μs
VOUT = 0.8 V
100
μs
VOUT = 3.3 V, one VOUT initially on, enable second
160
μs
VOUT = 0.8 V
20
μs
CURRENT LIMIT THRESHOLD4
ILIMIT
250
360
600
mA
THERMAL SHUTDOWN
Thermal Shutdown Threshold
TSSD
TJ rising
155
°C
Thermal Shutdown Hysteresis
TSSD-HYS
15
°C
EN INPUT
EN Input Logic High
VIH
2.5 V ≤ VBIAS ≤ 5.5 V
1.2
V
EN Input Logic Low
VIL
2.5 V ≤ VBIAS ≤ 5.5 V
0.4
V
EN Input Leakage Current
VI-LEAKAGE
EN1 = EN2 = EN3 = VIN or GND
0.1
μA
EN1 = EN2 = EN3 = VIN or GND, TJ = −40°C to +125°C
1
μA
UNDERVOLTAGE LOCKOUT
UVLO
Input Bias Voltage (VBIAS) Rising
UVLORISE
2.45
V
Input Bias Voltage (VBIAS) Falling
UVLOFALL
2.0
V
Hysteresis
UVLOHYS
180
mV
OUTPUT NOISE
OUTNOISE
10 Hz to 100 kHz, VIN = 5 V, VOUT = 3.3 V
63
μV rms
10 Hz to 100 kHz, VIN = 5 V, VOUT = 2.8 V
55
μV rms
10 Hz to 100 kHz, VIN = 3.6 V, VOUT = 2.5 V
50
μV rms
10 Hz to 100 kHz, VIN = 3.6 V, VOUT = 1.2 V
29
μV rms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com