Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP320 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP320
Description  Triple, 200 mA, Low Noise, High PSRR Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP320 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP320 Datasheet HTML 12Page - Analog Devices ADP320 Datasheet HTML 13Page - Analog Devices ADP320 Datasheet HTML 14Page - Analog Devices ADP320 Datasheet HTML 15Page - Analog Devices ADP320 Datasheet HTML 16Page - Analog Devices ADP320 Datasheet HTML 17Page - Analog Devices ADP320 Datasheet HTML 18Page - Analog Devices ADP320 Datasheet HTML 19Page - Analog Devices ADP320 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
ADP320
Rev. 0 | Page 16 of 20
Use Equation 1 to determine the worst-case capacitance
accounting for capacitor variation over temperature, compo-
nent tolerance, and voltage.
CEFF = CBIAS × (1 − TEMPCO) × (1 − TOL)
(1)
where:
CBIAS is the effective capacitance at the operating voltage.
TEMPCO is the worst-case capacitor temperature coefficient.
TOL is the worst-case component tolerance.
In this example, TEMPCO over −40°C to +85°C is assumed
to be 15% for an X5R dielectric. TOL is assumed to be 10%,
and CBIAS is 0.94 μF at 1.8 V from the graph in Figure 43.
Substituting these values into Equation 1 yields
CEFF = 0.94 μF × (1 − 0.15) × (1 − 0.1) = 0.719 μF
Therefore, the capacitor chosen in this example meets the mini-
mum capacitance requirement of the LDO over temperature
and tolerance at the chosen output voltage.
To guarantee the performance of the ADP320 triple LDO, it is
imperative that the effects of dc bias, temperature, and toler-
ances on the behavior of the capacitors are evaluated for each
application.
UNDERVOLTAGE LOCKOUT
The ADP320 triple LDO has an internal undervoltage lockout
circuit that disables all inputs and the output when the input
voltage bias, VBIAS, is less than approximately 2.2 V. This
ensures that the inputs of the ADP320 triple LDO and the
output behave in a predictable manner during power-up.
ENABLE FEATURE
The ADP320 triple LDO uses the ENx pins to enable and
disable the VOUTx pins under normal operating conditions.
Figure 44 shows a rising voltage on EN crossing the active
threshold, then VOUTx turns on. When a falling voltage on
ENx crosses the inactive threshold, VOUTx turns off.
ENABLE VOLTAGE (V)
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0.4
0.6
0.5
0.7
0.9
0.8
1.0
1.1
1.2
VOUT @ 4.5VIN
Figure 44. Typical ENx Pin Operation
As shown in
Figure 44, the ENx pin has built-in hysteresis.
This prevents on/off oscillations that can occur due to noise
on the ENx pin as it passes through the threshold points.
The active/inactive thresholds of the ENx pin are derived
from the VBIAS voltage. Therefore, these thresholds vary with
changing input voltage. Figure 45 shows typical ENx active/
inactive thresholds when the input voltage varies from 2.5 V
to 5.5 V.
INPUT VOLTAGE (V)
1.00
0.95
0.90
0.85
0.80
0.75
0.70
0.65
0.60
0.55
0.50
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VEN RISE
VEN FALL
Figure 45. Typical ENx Pins Thresholds vs. Input Voltage
The ADP320 triple LDO utilizes an internal soft start to limit
the inrush current when the output is enabled. The start-up
time for the 2.8 V option is approximately 220 μs from the time
the ENx active threshold is crossed to when the output reaches
90% of its final value. The start-up time is somewhat dependent
on the output voltage setting and increases slightly as the output
voltage increases.
CH3
CH2
500mV B
W
1
2
T 10.2%
CH1 1V
500mV
M100µs A CH1
540mV
B
W
CH4 500mV BW
B
W
VEN
VOUT1
VOUT2
VOUT3
Figure 46. Typical Start-Up Time,
ILOAD1 = ILOAD2 = ILOAD3 = 100 mA,
CH1 = VEN, CH2 = VOUT1, CH3 = VOUT2, CH4 = VOUT3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com