Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP320 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP320
Description  Triple, 200 mA, Low Noise, High PSRR Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP320 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP320 Datasheet HTML 7Page - Analog Devices ADP320 Datasheet HTML 8Page - Analog Devices ADP320 Datasheet HTML 9Page - Analog Devices ADP320 Datasheet HTML 10Page - Analog Devices ADP320 Datasheet HTML 11Page - Analog Devices ADP320 Datasheet HTML 12Page - Analog Devices ADP320 Datasheet HTML 13Page - Analog Devices ADP320 Datasheet HTML 14Page - Analog Devices ADP320 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ADP320
Rev. 0 | Page 11 of 20
LOAD = 1mA
LOAD = 5mA
LOAD = 10mA
LOAD = 50mA
LOAD = 100mA
LOAD = 200mA
0
20
40
60
80
100
120
140
160
1.70
1.80
1.90
2.00
2.10
VIN (V)
Figure 27. Ground Current vs. Input Voltage in Dropout), VOUT2 = 1.8 V
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
200mA
100mA
10mA
1mA
VRIPPLE = 50mV
VIN = 2.8V
VOUT = 1.8V
COUT = 1µF
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
Figure 28. Power Supply Rejection Ratio vs. Frequency, 1.8 V
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
200mA
100mA
10mA
1mA
VRIPPLE = 50mV
VIN = 4.3V
VOUT = 3.3V
COUT = 1µF
Figure 29. Power Supply Rejection Ratio vs. Frequency, 3.3 V
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
200mA
100mA
10mA
1mA
VRIPPLE = 50mV
VIN = 2.5V
VOUT = 1.5V
COUT = 1µF
Figure 30. Power Supply Rejection Ratio vs. Frequency, 1.5 V
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
FREQUENCY (Hz)
1.8V/200mA
1.8V/100mA
1.8V/10mA
1.2V/200mA
1.2V/100mA
1.2V/10mA
VRIPPLE = 50mV
1V HEADROOM
1.8V PSRR
1.2 XTALK
10
100
1k
10k
100k
1M
10M
Figure 31. Power Supply Rejection Ratio vs. Frequency,
Channel to Channel Crosstalk
0.01
0.1
1
10
10
100
1k
10k
100k
3.3V
1.8V
1.5V
FREQUENCY (Hz)
Figure 32. Output Noise Spectral Density, VIN = 5 V, ILOAD = 10 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com