Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP320 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP320
Description  Triple, 200 mA, Low Noise, High PSRR Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP320 Datasheet(HTML) 1 Page - Analog Devices

  ADP320 Datasheet HTML 1Page - Analog Devices ADP320 Datasheet HTML 2Page - Analog Devices ADP320 Datasheet HTML 3Page - Analog Devices ADP320 Datasheet HTML 4Page - Analog Devices ADP320 Datasheet HTML 5Page - Analog Devices ADP320 Datasheet HTML 6Page - Analog Devices ADP320 Datasheet HTML 7Page - Analog Devices ADP320 Datasheet HTML 8Page - Analog Devices ADP320 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Triple, 200 mA, Low Noise,
High PSRR Voltage Regulator
ADP320
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2010 Analog Devices, Inc. All rights reserved.
FEATURES
Bias voltage range (VBIAS): 2.5 V to 5.5 V
LDO input voltage range (VIN1/VIN2, VIN3): 1.8 V to 5.5 V
Three 200 mA low dropout voltage regulators
16-lead, 3 mm × 3 mm LFCSP
Initial accuracy: ±1%
Stable with 1 μF ceramic output capacitors
No noise bypass capacitor required
3 independent logic controlled enables
Over current and thermal protection
Key specifications
High PSRR
76 dB PSRR up to 1 kHz
70 dB PSRR 10 kHz
60 dB PSRR at 100 kHz
40 dB PSRR at 1 MHz
Low output noise
29 μV rms typical output noise at VOUT = 1.2 V
55 μV rms typical output noise at VOUT = 2.8 V
Excellent transient response
Low dropout voltage: 110 mV @ 200 mA load
85 μA typical ground current at no load, all LDOs enabled
100 μs fast turn-on circuit
Guaranteed 200 mA output current per regulator
−40°C to +125°C junction temperature
APPLICATIONS
Mobile phones
Digital cameras and audio devices
Portable and battery-powered equipment
Portable medical devices
Post dc-to-dc regulation
TYPICAL APPLICATION CIRCUITS
ADP320
VBIAS
VOUT1
GND
VBIAS
1µF
OFF
ON
EN1
OFF
ON
EN2
OFF
ON
EN3
+
1µF
+
LDO 1
EN LD1
VBIAS
VBIAS
VOUT2
1µF
+
LDO 2
EN LD2
VOUT3
1µF
+
LDO 3
EN LD3
2.5V TO
5.5V
VIN1/VIN2
VIN3
1µF
+
1.8V TO
5.5V
1.8V TO
5.5V
1µF
+
Figure 1. Typical Application Circuit
GENERAL DESCRIPTION
The ADP320 200 mA triple output LDO combines high PSRR, low
noise, low quiescent current, and low dropout voltage in a voltage
regulator ideally suited for wireless applications with demanding
performance and board space requirements.
The low quiescent current, low dropout voltage, and wide input
voltage range of the ADP320 triple LDO extend the battery life of
portable devices. The ADP320 triple LDO maintains power supply
rejection greater than 60 dB for frequencies as high as 100 kHz
while operating with a low headroom voltage. The ADP320 triple
LDO offers much lower noise performance than competing LDOs
without the need for a noise bypass capacitor.
The ADP320 triple LDO is available in a miniature 16-lead
3 mm × 3 mm LFCSP package and is stable with tiny 1 μF ±30%
ceramic output capacitors, resulting in the smallest possible board
area for a wide variety of portable power needs.
The ADP320 triple LDO is available in output voltage combin-
ations ranging from 0.8 V to 3.3 V and offers over current and
thermal protection to prevent damage in adverse conditions.


Similar Part No. - ADP320

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3203 AD-ADP3203 Datasheet
153Kb / 12P
2-Phase IMVP-II & IMVP-III Core Controller for Mobile CPUs
ADP3203JRU-085-RL AD-ADP3203JRU-085-RL Datasheet
153Kb / 12P
2-Phase IMVP-II & IMVP-III Core Controller for Mobile CPUs
ADP3203JRU-10-RL AD-ADP3203JRU-10-RL Datasheet
153Kb / 12P
2-Phase IMVP-II & IMVP-III Core Controller for Mobile CPUs
ADP3203JRU-10-RL7 AD-ADP3203JRU-10-RL7 Datasheet
153Kb / 12P
2-Phase IMVP-II & IMVP-III Core Controller for Mobile CPUs
ADP3204 AD-ADP3204 Datasheet
1Mb / 16P
3-Phase IMVP-II and IMVP-III Core Controller for Mobile CPUs
REV.0
More results

Similar Description - ADP320

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP700B ONSEMI-NCP700B Datasheet
540Kb / 21P
200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
March, 2011 ??Rev. 0
NCV8570B ONSEMI-NCV8570B Datasheet
614Kb / 21P
200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
May, 2011 ??Rev. 1
logo
STMicroelectronics
LD59015XX STMICROELECTRONICS-LD59015XX Datasheet
1Mb / 16P
150 mA low noise high PSRR linear voltage regulator
06-Jul-2012
logo
ON Semiconductor
NCP729 ONSEMI-NCP729 Datasheet
680Kb / 13P
200 mA Ultra-Low Noise Very-Low Iq, High PSRR, LDO Linear Voltage Regulator
August, 2012 - Rev. 1
NCP700B ONSEMI-NCP700B_13 Datasheet
619Kb / 21P
200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
April, 2013 ??Rev. 2
NCP700C ONSEMI-NCP700C Datasheet
352Kb / 13P
200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
August, 2014 ??Rev. 1
NCP729 ONSEMI-NCP729_13 Datasheet
683Kb / 13P
200 mA Ultra-Low Noise Very-Low Iq, High PSRR LDO Linear Voltage Regulator
April, 2013 ??Rev. 2
NCV8570B ONSEMI-NCV8570B_13 Datasheet
646Kb / 20P
200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
June, 2013 ??Rev. 3
logo
Analog Devices
ADP220 AD-ADP220 Datasheet
586Kb / 20P
Dual, 200 mA, Low Noise, High PSRR Voltage Regulator
Rev. H
ADP322 AD-ADP322 Datasheet
841Kb / 24P
Triple, 200 mA, Low Noise, High PSRR Voltage Regulator
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com