Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4891-2ARMZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADA4891-2ARMZ-R7
Description  Low Cost CMOS, High Speed, Rail-to-Rail Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4891-2ARMZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADA4891-2ARMZ-R7 Datasheet HTML 5Page - Analog Devices ADA4891-2ARMZ-R7 Datasheet HTML 6Page - Analog Devices ADA4891-2ARMZ-R7 Datasheet HTML 7Page - Analog Devices ADA4891-2ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADA4891-2ARMZ-R7 Datasheet HTML 9Page - Analog Devices ADA4891-2ARMZ-R7 Datasheet HTML 10Page - Analog Devices ADA4891-2ARMZ-R7 Datasheet HTML 11Page - Analog Devices ADA4891-2ARMZ-R7 Datasheet HTML 12Page - Analog Devices ADA4891-2ARMZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
ADA4891-1/ADA4891-2/ADA4891-3/ADA4891-4
Rev. B | Page 9 of
24
1
0
–1
–2
–3
–4
–5
–6
–7
–8
–9
–10
0.1
1
10
100
1k
FREQUENCY (MHz)
VS = 3V
RF = 604Ω
RL = 150Ω
G = –1
VOUT = 2V p-p
G = +2
VOUT = 2V p-p
G = +1
VOUT = 1V p-p
G = +5
VOUT = 2V p-p
Figure 19. Large-Signal Frequency Response vs. Gain, VS = 3 V,
ADA4891-1/ADA4891-2
–120
–110
–100
–90
–80
–70
–60
–50
–40
0.1
1
10
FREQUENCY (MHz)
VS = 5V
RL = 1kΩ
VOUT = 2V p-p
G = +2
SECOND HARMONIC
G = +1
SECOND HARMONIC
G = +1
THIRD HARMONIC
G = +2
THIRD HARMONIC
Figure 20. Harmonic Distortion (HD2, HD3) vs. Frequency, VS = 5 V
–120
–110
–100
–90
–80
–70
–60
–50
–40
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
OUTPUT VOLTAGE (V p-p)
G = +1
THIRD HARMONIC
VS = 5V
RF = 604Ω
RL = 1kΩ
fC = 1MHz
G = –1
THIRD HARMONIC
G = –1
SECOND HARMONIC
G = +1
SECOND HARMONIC
Figure 21. Harmonic Distortion (HD2, HD3) vs. Output Voltage, VS = 5 V
1
0
–1
–2
–3
–4
–5
–6
–7
–8
–9
–10
0.1
1
10
100
1k
FREQUENCY (MHz)
VS = 3V
RF = 453Ω
RL = 150Ω
G = +2
VOUT = 2V p-p
G = –1
VOUT = 2V p-p
G = +5
VOUT = 2V p-p
G = +1
VOUT = 1V p-p
Figure 22. Large-Signal Frequency Response vs. Gain, VS = 3 V,
ADA4891-3/ADA4891-4
–90
–80
–70
–60
–50
–40
–30
0.1
1
10
FREQUENCY (MHz)
G = +1
SECOND HARMONIC
G = +1
THIRD HARMONIC
G = +2
SECOND HARMONIC
VS = 3V
RL = 1kΩ
VOUT = 2V p-p
OUT
IN
+VS = +1.9V
–VS = –1.1V
G = +1 CONFIGURATION
1kΩ
50Ω
G = +2
THIRD HARMONIC
Figure 23. Harmonic Distortion (HD2, HD3) vs. Frequency, VS = 3 V
–120
–110
–100
–90
–80
–70
–60
–50
–40
0
0.5
1.0
1.5
2.0
2.5
3.0
OUTPUT VOLTAGE (V p-p)
VS = 3V
fC = 1MHz
G = –1
SECOND HARMONIC
G = –1
THIRD HARMONIC
G = +1
THIRD HARMONIC
G = +1
SECOND HARMONIC
OUT
IN
+VS = +1.9V
–VS = –1.1V
1kΩ
50Ω
G = +1
CONFIGURATION
Figure 24. Harmonic Distortion (HD2, HD3) vs. Output Voltage, VS = 3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com