Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4891-2ARMZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADA4891-2ARMZ-R7
Description  Low Cost CMOS, High Speed, Rail-to-Rail Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4891-2ARMZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADA4891-2ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADA4891-2ARMZ-R7 Datasheet HTML 9Page - Analog Devices ADA4891-2ARMZ-R7 Datasheet HTML 10Page - Analog Devices ADA4891-2ARMZ-R7 Datasheet HTML 11Page - Analog Devices ADA4891-2ARMZ-R7 Datasheet HTML 12Page - Analog Devices ADA4891-2ARMZ-R7 Datasheet HTML 13Page - Analog Devices ADA4891-2ARMZ-R7 Datasheet HTML 14Page - Analog Devices ADA4891-2ARMZ-R7 Datasheet HTML 15Page - Analog Devices ADA4891-2ARMZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
ADA4891-1/ADA4891-2/ADA4891-3/ADA4891-4
Rev. B | Page 12 of 2
4
–0.30
025
30
TIME (ns)
35
40
45
–0.20
–0.10
0
0.10
0.20
0.30
VS =5V
G= +2
RL = 150Ω
VOUT =2Vp-p
Figure 37. Short-Term Settling Time to 0.1%
–1
0
1
2
3
5ns/DIV
1V/DIV
INPUT
VS = ±2.5V
G = +1
RL = 1kΩ
OUTPUT
Figure 38. Input Overdrive Recovery from Positive Rail
–3
–2
–1
0
1
2
3
INPUT
OUTPUT
VS = ±2.5V
G = –2
RL = 1kΩ
1V/DIV
5ns/DIV
Figure 39. Output Overdrive Recovery from Positive Rail
140
150
160
170
180
190
200
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
OUTPUT STEP (V)
RISING EDGE
FALLING EDGE
VS = 5V
G = +2
RL = 150Ω
Figure 40. Slew Rate vs. Output Step
–3
–2
–1
0
1
INPUT
OUTPUT
VS = ±2.5V
G = +1
RL = 1kΩ
1V/DIV
5ns/DIV
Figure 41. Input Overdrive Recovery from Negative Rail
–3
–2
–1
0
1
2
3
OUTPUT
VS = ±2.5V
G = –2
RL = 1kΩ
INPUT
1V/DIV
5ns/DIV
Figure 42. Output Overdrive Recovery from Negative Rail



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com