Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4891-2ARMZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADA4891-2ARMZ-R7
Description  Low Cost CMOS, High Speed, Rail-to-Rail Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4891-2ARMZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADA4891-2ARMZ-R7 Datasheet HTML 16Page - Analog Devices ADA4891-2ARMZ-R7 Datasheet HTML 17Page - Analog Devices ADA4891-2ARMZ-R7 Datasheet HTML 18Page - Analog Devices ADA4891-2ARMZ-R7 Datasheet HTML 19Page - Analog Devices ADA4891-2ARMZ-R7 Datasheet HTML 20Page - Analog Devices ADA4891-2ARMZ-R7 Datasheet HTML 21Page - Analog Devices ADA4891-2ARMZ-R7 Datasheet HTML 22Page - Analog Devices ADA4891-2ARMZ-R7 Datasheet HTML 23Page - Analog Devices ADA4891-2ARMZ-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
ADA4891-1/ADA4891-2/ADA4891-3/ADA4891-4
Rev. B | Page 23 of 2
4
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
Branding
ADA4891-1ARZ
−40°C to +125°C
8-Lead SOIC_N
R-8
ADA4891-1ARZ-RL
−40°C to +125°C
8-Lead SOIC_N, 13”Tape and Reel
R-8
ADA4891-1ARZ-R7
−40°C to +125°C
8-Lead SOIC_N, 7”Tape and Reel
R-8
ADA4891-1ARJZ-R7
−40°C to +125°C
5-Lead SOT-23, 7”Tape and Reel
RJ-5
H1W
ADA4891-1ARJZ-RL
−40°C to +125°C
5-Lead SOT-23, 13”Tape and Reel
RJ-5
H1W
ADA4891-2ARZ
−40°C to +125°C
8-Lead SOIC_N
R-8
ADA4891-2ARZ-RL
−40°C to +125°C
8-Lead SOIC_N, 13”Tape and Reel
R-8
ADA4891-2ARZ-R7
−40°C to +125°C
8-Lead SOIC_N, 7”Tape and Reel
R-8
ADA4891-2ARMZ
−40°C to +125°C
8-Lead MSOP
RM-8
H1U
ADA4891-2ARMZ-RL
−40°C to +125°C
8-Lead MSOP, 13" Tape and Reel
RM-8
H1U
ADA4891-2ARMZ-R7
−40°C to +125°C
8-Lead MSOP, 7" Tape and Reel
RM-8
H1U
ADA4891-3ARUZ
−40°C to +125°C
14-Lead TSSOP
RU-14
ADA4891-3ARUZ-R7
−40°C to +125°C
14-Lead TSSOP, 7”Tape and Reel
RU-14
ADA4891-3ARUZ-RL
−40°C to +125°C
14-Lead TSSOP, 13”Tape and Reel
RU-14
ADA4891-3ARZ
−40°C to +125°C
14-Lead SOIC_N
R-14
ADA4891-3ARZ-R7
−40°C to +125°C
14-Lead SOIC_N, 7”Tape and Reel
R-14
ADA4891-3ARZ-RL
−40°C to +125°C
14-Lead SOIC_N, 13”Tape and Reel
R-14
ADA4891-4ARUZ
−40°C to +125°C
14-Lead TSSOP
RU-14
ADA4891-4ARUZ-R7
−40°C to +125°C
14-Lead TSSOP, 7”Tape and Reel
RU-14
ADA4891-4ARUZ-RL
−40°C to +125°C
14-Lead TSSOP, 13”Tape and Reel
RU-14
ADA4891-4ARZ
−40°C to +125°C
14-Lead SOIC_N
R-14
ADA4891-4ARZ-R7
−40°C to +125°C
14-Lead SOIC_N, 7”Tape and Reel
R-14
ADA4891-4ARZ-RL
−40°C to +125°C
14-Lead SOIC_N, 13”Tape and Reel
R-14
ADA4891-1AR-EBZ
Evaluation Board for 8-Lead SOIC_N
ADA4891-1ARJ-EBZ
Evaluation Board for 5-Lead SOT-23
ADA4891-2AR-EBZ
Evaluation Board for 8-Lead SOIC_N
ADA4891-2ARM-EBZ
Evaluation Board for 8-Lead MSOP
ADA4891-3AR-EBZ
Evaluation Board for 14-Lead SOIC_N
ADA4891-3ARU-EBZ
Evaluation Board for 14-Lead TSSOP
ADA4891-4AR-EBZ
Evaluation Board for 14-Lead SOIC_N
ADA4891-4ARU-EBZ
Evaluation Board for 14-Lead TSSOP
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com