Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4891-2ARMZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADA4891-2ARMZ-R7
Description  Low Cost CMOS, High Speed, Rail-to-Rail Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4891-2ARMZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADA4891-2ARMZ-R7 Datasheet HTML 13Page - Analog Devices ADA4891-2ARMZ-R7 Datasheet HTML 14Page - Analog Devices ADA4891-2ARMZ-R7 Datasheet HTML 15Page - Analog Devices ADA4891-2ARMZ-R7 Datasheet HTML 16Page - Analog Devices ADA4891-2ARMZ-R7 Datasheet HTML 17Page - Analog Devices ADA4891-2ARMZ-R7 Datasheet HTML 18Page - Analog Devices ADA4891-2ARMZ-R7 Datasheet HTML 19Page - Analog Devices ADA4891-2ARMZ-R7 Datasheet HTML 20Page - Analog Devices ADA4891-2ARMZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
ADA4891-1/ADA4891-2/ADA4891-3/ADA4891-4
Rev. B | Page 17 of
24
–0.3
–0.2
–0.1
0
0.1
0.2
0.1
1
10
100
FREQUENCY (MHz)
CF = 3.3pF
CF = 0pF
CF = 1pF
VS = 5V
G = +2
RF = 604Ω
RL = 150Ω
VOUT = 2V p-p
Figure 54. 0.1 dB Gain Flatness vs. CF, VS = 5 V,
ADA4891-1/ADA4891-2
DRIVING CAPACITIVE LOADS
A highly capacitive load reacts with the output impedance of
the amplifiers, causing a loss of phase margin and subsequent
peaking or even oscillation. The ADA4891-1/ADA4891-2 are
used to demonstrate this effect (see Figure 55 and Figure 56).
–10
–8
–6
–4
–2
0
2
4
6
8
0.1
1
10
100
FREQUENCY (MHz)
VS = 5V
VOUT = 200mV p-p
G = +1
RL = 1kΩ
CL = 6.8pF
Figure 55. Closed-Loop Frequency Response, CL = 6.8 pF,
ADA4891-1/ADA4891-2
50ns/DIV
50mV/DIV
VS = 5V
G = +1
RL = 1kΩ
CL = 6.8pF
0
100
–100
Figure 56. 200 mV Step Response, CL = 6.8 pF,
ADA4891-1/ADA4891-2
These four methods minimize the output capacitive loading effect.
•
Reducing the output resistive load. This pushes the pole
further away and, therefore, improves the phase margin.
•
Increasing the phase margin with higher noise gains. As
the closed-loop gain is increased, the larger phase margin
allows for large capacitive loads with less peaking.
•
Adding a parallel capacitor (CF) with RF, from −IN to the
output. This adds a zero in the closed-loop frequency
response, which tends to cancel out the pole formed by the
capacitive load and the output impedance of the amplifier.
See the Effect of RF on 0.1 dB Gain Flatness section for
more information.
•
Placing a small value resistor (RS) in series with the output
to isolate the load capacitor from the output stage of the
amplifier.
Figure 57 shows the effect of using a snub resistor (RS) on reducing
the peaking in the worst-case frequency response (gain of +1).
Using RS = 100 Ω reduces the peaking by 3 dB, with the trade-off
that the closed-loop gain is reduced by 0.9 dB due to attenuation
at the output. RS can be adjusted from 0 Ω to 100 Ω to maintain
an acceptable level of peaking and closed-loop gain, as shown in
Figure 57.
–10
–8
–6
–4
–2
0
2
4
6
8
0.1
1
10
100
FREQUENCY (MHz)
VS = 5V
VOUT = 200mV p-p
G = +1
RL = 1kΩ
CL = 6.8pF
RS = 0Ω
RS = 100Ω
50Ω
RL
RS
CL
OUT
VIN
200mV
STEP
Figure 57. Closed-Loop Frequency Response with Snub Resistor, CL = 6.8 pF
Figure 58 shows that the transient response is also much improved
by the snub resistor (RS = 100 Ω) compared to that of Figure 56.
VS = 5V
G = +1
RL = 1kΩ
CL = 6.8pF
RS = 100Ω
50ns/DIV
50mV/DIV
0
100
–100
Figure 58. 200 mV Step Response, CL = 6.8 pF, RS = 100 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com