Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4891-2ARMZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADA4891-2ARMZ-R7
Description  Low Cost CMOS, High Speed, Rail-to-Rail Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4891-2ARMZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADA4891-2ARMZ-R7 Datasheet HTML 12Page - Analog Devices ADA4891-2ARMZ-R7 Datasheet HTML 13Page - Analog Devices ADA4891-2ARMZ-R7 Datasheet HTML 14Page - Analog Devices ADA4891-2ARMZ-R7 Datasheet HTML 15Page - Analog Devices ADA4891-2ARMZ-R7 Datasheet HTML 16Page - Analog Devices ADA4891-2ARMZ-R7 Datasheet HTML 17Page - Analog Devices ADA4891-2ARMZ-R7 Datasheet HTML 18Page - Analog Devices ADA4891-2ARMZ-R7 Datasheet HTML 19Page - Analog Devices ADA4891-2ARMZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
ADA4891-1/ADA4891-2/ADA4891-3/ADA4891-4
Rev. B | Page 16 of
24
Table 6. Recommended Component Values and Effect of Gain on ADA4891-3/ADA4891-4 Performance (RL = 1 kΩ)
Feedback Network Values
−3 dB Small-Signal Bandwidth (MHz)
Slew Rate (V/μs)
Peaking (dB)
Gain
RF (Ω)
RG (Ω)
VOUT = 200 mV p-p
tR
tF
−1
453
453
97
186
194
0.9
+1
0
Open
220
151
262
4.1
+2
453
453
97
181
223
0.9
+5
453
90.6
31
112
120
0
+10
453
45.3
13
68
67
0
EFFECT OF RF ON 0.1 dB GAIN FLATNESS
Gain flatness is an important specification in video applications.
It represents the maximum allowable deviation in the signal
amplitude within the pass band. Tests have revealed that the
human eye is unable to distinguish brightness variations of
less than 1%, which translates into a 0.1 dB signal drop within
the pass band or, put simply, 0.1 dB gain flatness.
The PCB layout configuration and bond pads of the chip often
contribute to stray capacitance. The stray capacitance at the
inverting input forms a pole with the feedback and gain resistors.
This additional pole adds phase shift and reduces phase margin
in the closed-loop phase response, causing instability in the
amplifier and peaking in the frequency response.
Figure 52 and Figure 53 show the effect of using various values
for Feedback Resistor RF on the 0.1 dB gain flatness of the parts.
Figure 52 shows the effect for the ADA4891-1/ADA4891-2.
Figure 53 show the effect for the ADA4891-3/ADA4891-4.
Note that a larger RF value causes more peaking because the
additional pole formed by RF and the input stray capacitance
shifts down in frequency and interacts significantly with the
internal poles of the amplifier.
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
1
0.1
10
100
FREQUENCY (MHz)
VS = 5V
G = +2
VOUT = 2V p-p
RL = 150Ω
RG = RF = 604Ω
RG = RF = 549Ω
RG = RF = 649Ω
RG = RF = 698Ω
Figure 52. 0.1 dB Gain Flatness, Noninverting Gain Configuration,
ADA4891-1/ADA4891-2
–0.4
–0.5
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
1
0.1
10
100
FREQUENCY (MHz)
VS = 5V
G = +2
VOUT = 2V p-p
RL = 150Ω
RG = RF = 453Ω
RG = RF = 402Ω
RG = RF = 357Ω
RG = RF = 301Ω
Figure 53. 0.1 dB Gain Flatness, Noninverting Gain Configuration,
ADA4891-3/ADA4891-4
To obtain the desired 0.1 dB bandwidth, adjust the feedback
resistor, RF, as shown in Figure 52 and Figure 53. If RF cannot
be adjusted, a small capacitor can be placed in parallel with RF
to reduce peaking.
The feedback capacitor, CF, forms a zero with the feedback
resistor, which cancels out the pole formed by the input stray
capacitance and the gain and feedback resistors. For a first pass
in determining the CF value, use the following equation:
RG × CS = RF × CF
where:
RG is the gain resistor.
CS is the input stray capacitance.
RF is the feedback resistor.
CF is the feedback capacitor.
Using this equation, the original closed-loop frequency response of
the amplifier is restored, as if there is no stray input capacitance.
Most often, however, the value of CF is determined empirically.
Figure 54 shows the effect of using various values for the feedback
capacitor to reduce peaking. In this case, the ADA4891-1/
ADA4891-2 are used for demonstration purposes and RF = RG =
604 Ω. The input stray capacitance, together with the board
parasitics, is approximately 2 pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com