Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT8300-R Datasheet(PDF) 19 Page - Princeton Technology Corp

Part # PT8300-R
Description  16-Bit I/O Expander IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT8300-R Datasheet(HTML) 19 Page - Princeton Technology Corp

Back Button PT8300-R Datasheet HTML 11Page - Princeton Technology Corp PT8300-R Datasheet HTML 12Page - Princeton Technology Corp PT8300-R Datasheet HTML 13Page - Princeton Technology Corp PT8300-R Datasheet HTML 14Page - Princeton Technology Corp PT8300-R Datasheet HTML 15Page - Princeton Technology Corp PT8300-R Datasheet HTML 16Page - Princeton Technology Corp PT8300-R Datasheet HTML 17Page - Princeton Technology Corp PT8300-R Datasheet HTML 18Page - Princeton Technology Corp PT8300-R Datasheet HTML 19Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT8300 V1.8
- 19 -
February, 2006
16-Bit I/O Expander IC
PT8300
Dimension in Inches
Symbol
Min.
Typ.
Max.
A
0.053
-
0.069
A1
0.004
-
0.010
A2
0.049
-
0.065
b
0.008
-
0.012
c
0.006
-
0.010
D
0.390 BSC.
E
0.236 BSC.
E1
0.154 BSC.
e
0.025 BSC.
L
0.016
-
0.050
L1
0.041 REF.
R
0.003
-
-
R1
0.003
-
-
θ
0
°
-
8
°
θ1
5
°
-
15
°
θ2
0
°
-
-
Notes:
1. Dimensioning and tolerancing per ASME Y14.5M-1994.
2. Dimensions in Inches (Angles in Degrees)
3. Dimension D does not include mold flash, protrusions or gate burrs. Mold flash, protrusions or gate
burrs shall not exceed 0.006 inches per end. Dimension E1 does not include interlead flashor
protrusion. Interlead flash or protrusion shall not exceed 0.006 inches per side. D and E1
dimensions are determined at datum H.
4. The package top may be smaller than the package bottom. Dimensions D and E1 are determined at
the outermost extremes of the plastic body exclusive of mold flash, tie bar burrs, gate burrs and
interlead flash, but including any mismatch between the top and bottom of the plastic body.
5. Datums A & B to be determined at datum H.
6. The dimensions apply to the flat section of the lead between 0.004 to 0.010 inches from the lead tip.
7. Dimension b does not include dambar protrusion. Allowable dambar protrusion shall be 0.004
inches total in excess of the b dimension at maximum material condition. The dambar cannot be
located on the lower radius of the foot.
8. Refer to JEDEC MO-137 Variation AF
JEDEC is the trademark of JEDEC SOLID STATE TECHNOLOGY ASSOCIATION.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com