Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT8300-R Datasheet(PDF) 12 Page - Princeton Technology Corp

Part # PT8300-R
Description  16-Bit I/O Expander IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT8300-R Datasheet(HTML) 12 Page - Princeton Technology Corp

Back Button PT8300-R Datasheet HTML 8Page - Princeton Technology Corp PT8300-R Datasheet HTML 9Page - Princeton Technology Corp PT8300-R Datasheet HTML 10Page - Princeton Technology Corp PT8300-R Datasheet HTML 11Page - Princeton Technology Corp PT8300-R Datasheet HTML 12Page - Princeton Technology Corp PT8300-R Datasheet HTML 13Page - Princeton Technology Corp PT8300-R Datasheet HTML 14Page - Princeton Technology Corp PT8300-R Datasheet HTML 15Page - Princeton Technology Corp PT8300-R Datasheet HTML 16Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT8300 V1.8
- 12 -
February, 2006
16-Bit I/O Expander IC
PT8300
APPLICATION CIRCUIT 1
5V
MCU
P8 TO P15
P0 TO P7
PT8300
VSS
/RESET
CLK
LATCH
P15
P14
P13
P12
P11
P10
P9
P8
LATCHO
CLKO
VDD
PULLUP
DI1
DO2
P0
P1
P2
P3
P4
P5
P6
P7
DI2
DO1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com