Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT8300-R Datasheet(PDF) 5 Page - Princeton Technology Corp

Part # PT8300-R
Description  16-Bit I/O Expander IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT8300-R Datasheet(HTML) 5 Page - Princeton Technology Corp

  PT8300-R Datasheet HTML 1Page - Princeton Technology Corp PT8300-R Datasheet HTML 2Page - Princeton Technology Corp PT8300-R Datasheet HTML 3Page - Princeton Technology Corp PT8300-R Datasheet HTML 4Page - Princeton Technology Corp PT8300-R Datasheet HTML 5Page - Princeton Technology Corp PT8300-R Datasheet HTML 6Page - Princeton Technology Corp PT8300-R Datasheet HTML 7Page - Princeton Technology Corp PT8300-R Datasheet HTML 8Page - Princeton Technology Corp PT8300-R Datasheet HTML 9Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT8300 V1.8
- 5 -
February, 2006
16-Bit I/O Expander IC
PT8300
OPERATION
1. P0 to P15 are undefined when power is turned ON, but if /RESET is set to LOW, P0 to P7 are in
LOW state. If PULLUP pin is connected to VSS, P8 to P15 are floating. If PULLUP pin is
connected to VDD, P8 to P15 are in HIGH State.
2. The status of P0 to P15 is loaded to the Shift register 1 at the falling edge of LATCH/LATCHO.
3. At the falling edge of the CLK, the 16-bit serial output of the data loaded to the Shift register 1 (Shift
register 2) is sequentially performed from DO1(DO2).
4. At the rising edge of CLK, 16-bit serial data is written into the Shift register 1 (Shift register 2)
from DI1(DI2).
5. At the rising edge of the LATCH/LATCHO, the data written is outputted in a parallel manner to the
P0 to P15.
6. Shift Register 1 loads the data that is to be applied externally and the data with the latched content.
to the parallel output latch.
7. When the LATCH/LATCHO is activated after the arrival of CLK’s 16th bit, the parallel output
latch sends out P0 to P15 by storing the data that has been written into the Shift register 2. The
Shift Registers 1 and 2 continue the shift operation until the CLK’s 16th bit and the DO1 (DO2)
output serial data arrive.
8. Serial data is used to control the switching mode operation (input ↔ output) of P8 to P15. When
P8 to P15 operate as Output Pins, the PULLUP must be set to HIGH.
OPERATION TIMING DIAGRAM
12
3
4
516
DO0
DI0
DO1
DI1
DO2
DI2
DO3
DI3
DO15
DI15
/RESET
LATCH/LATCHO
CLK/CLKO
DI1/DI2
DO1/DO2
P0
P1
P15
DI0
DI1
DI15
DI0-1
DI1-1
DI15-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com