Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT8300-R Datasheet(PDF) 9 Page - Princeton Technology Corp

Part # PT8300-R
Description  16-Bit I/O Expander IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT8300-R Datasheet(HTML) 9 Page - Princeton Technology Corp

Back Button PT8300-R Datasheet HTML 5Page - Princeton Technology Corp PT8300-R Datasheet HTML 6Page - Princeton Technology Corp PT8300-R Datasheet HTML 7Page - Princeton Technology Corp PT8300-R Datasheet HTML 8Page - Princeton Technology Corp PT8300-R Datasheet HTML 9Page - Princeton Technology Corp PT8300-R Datasheet HTML 10Page - Princeton Technology Corp PT8300-R Datasheet HTML 11Page - Princeton Technology Corp PT8300-R Datasheet HTML 12Page - Princeton Technology Corp PT8300-R Datasheet HTML 13Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT8300 V1.8
- 9 -
February, 2006
16-Bit I/O Expander IC
PT8300
ABSOLUTE MAXIMUM RATING
(Unless otherwise specified, Topr=-40~+85℃)
Parameter
Symbol
Condition
Ratings
Unit
Supply voltage
VDD
-0.3 ~ 7.0
V
Input voltage
VI
-
-0.3 ~ VCC+0.3
V
Output voltage
VO
-
-0.3 ~ VCC+0.3
V
Operation temperature
Topr
-
-40 ~ +85
℃
Storage temperature
Tstg
-
-65 ~ +150
℃
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, VCC=2V to 6V)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Supply voltage
VCC
-
3.0
-
5.5
V
Stand-by current
ISB
-
-
-
1
µA
VCC=3V, CLK=1MHz
LATCH, /RESET
connected to VDD.
PULLUP, DI1, DI2
connected to GND
-
50
-
µA
Operating current
IDD
VCC=5V, CLK=1MHz
LATCH, /RESET
connected to VDD.
PULLUP, DI1, DI2
connected to GND
-
85
-
µA
High level input voltage
VIH
VCC=5V
(CLK, LATCH, DI1,
DI2, PULLUP)
0.7VDD
-
VDD
V
Low level input voltage
VIL
VCC=5V
(CLK, LATCH, DI1,
DI2, PULLUP)
VSS
-
0.2VDD
V
VCC=5V
(Output Pins other than P0
to P7, VOH=4.7V)
2.5
-
-
mA
High level output current
IOH
VCC=5V
(P8 to P15, VOH=4.7V)
0.5
-
-
mA
VCC=5V
(Output Pins other than
P0 to P7, VOH=0.3V)
3.5
-
-
mA
Low level output current
IOL
VCC=5V
(P8 to P15, VOH=0.8V)
13
-
-
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com