Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT8300-R Datasheet(PDF) 16 Page - Princeton Technology Corp

Part # PT8300-R
Description  16-Bit I/O Expander IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT8300-R Datasheet(HTML) 16 Page - Princeton Technology Corp

Back Button PT8300-R Datasheet HTML 11Page - Princeton Technology Corp PT8300-R Datasheet HTML 12Page - Princeton Technology Corp PT8300-R Datasheet HTML 13Page - Princeton Technology Corp PT8300-R Datasheet HTML 14Page - Princeton Technology Corp PT8300-R Datasheet HTML 15Page - Princeton Technology Corp PT8300-R Datasheet HTML 16Page - Princeton Technology Corp PT8300-R Datasheet HTML 17Page - Princeton Technology Corp PT8300-R Datasheet HTML 18Page - Princeton Technology Corp PT8300-R Datasheet HTML 19Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT8300 V1.8
- 16 -
February, 2006
16-Bit I/O Expander IC
PT8300
Notes:
1. Dimensioning and tolerancing per ANSI Y14.5-1982.
2. Dimension D does not include mold flash, protrusions or gate burrs. Mold flash, protrusions and
gate burrs shall not exceed 0.15mm (0.006 in) per side.
3. Dimension E does not include interlead flash or protrusions. Interlead flash and protrusion shall not
exceed 0.15mm (0.016in) per side.
4. The chamfer on the body is optional. If it is not present, a visual index feature must be located
within the crosshatched area.
5. L is the length of terminal for soldering to a substrate.
6. N is the number of terminal positions (N=28).
7. The lead width B as measured 0.36mm (0.014in) or greater above the seating plane, shall not
exceed a maximum value of 0.61 mm (0.024 in).
8. Controlling dimension: MILLIMETER
9. Refer to JEDEC MS-013 Variation AE.
JEDEC is the registered trademark of JEDEC SOLID STATE TECHNOLOGY ASSOCIATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com