Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # R8C
Description  RENESAS MCU
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button R8C Datasheet HTML 30Page - Renesas Technology Corp R8C Datasheet HTML 31Page - Renesas Technology Corp R8C Datasheet HTML 32Page - Renesas Technology Corp R8C Datasheet HTML 33Page - Renesas Technology Corp R8C Datasheet HTML 34Page - Renesas Technology Corp R8C Datasheet HTML 35Page - Renesas Technology Corp R8C Datasheet HTML 36Page - Renesas Technology Corp R8C Datasheet HTML 37Page - Renesas Technology Corp R8C Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 50 page
background image
REJ03B0320-0010 Rev.0.10
Page 34 of 47
Jul 12, 2010
R8C/3JT Group
5. Electrical Characteristics
Under development Preliminary document
Specifications in this document are tentative and subject to change.
Notes:
1. Vcc = 1.8 V to 5.5 V, Topr =
−20°C to 85°C (N version)/−40°C to 85°C (D version), unless otherwise specified.
2. This enables the setting errors of bit rates such as 9600 bps and 38400 bps to be 0% when the serial interface is used in
UART mode.
Note:
1. Vcc = 1.8 V to 5.5 V, Topr =
−20°C to 85°C (N version)/−40°C to 85°C (D version), unless otherwise specified.
Notes:
1. The measurement condition is Vcc = 1.8 V to 5.5 V and Topr = 25
°C.
2. Waiting time until the internal power supply generation circuit stabilizes during power-on.
Table 5.10
High-speed On-Chip Oscillator Circuit Electrical Characteristics
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
—
High-speed on-chip oscillator frequency after reset
Vcc = 1.8 V to 5.5 V
−20°C ≤ Topr ≤ 85°C
TBD
40
TBD
MHz
Vcc = 1.8 V to 5.5 V
−40°C ≤ Topr ≤ 85°C
TBD
40
TBD
MHz
High-speed on-chip oscillator frequency when the
FRA4 register correction value is written into the
FRA1 register and the FRA5 register correction
value into the FRA3 register (2)
Vcc = 1.8 V to 5.5 V
−20°C ≤ Topr ≤ 85°C
TBD
36.864
TBD
MHz
Vcc = 1.8 V to 5.5 V
−40°C ≤ Topr ≤ 85°C
TBD
36.864
TBD
MHz
High-speed on-chip oscillator frequency when the
FRA6 register correction value is written into the
FRA1 register and the FRA7 register correction
value into the FRA3 register
Vcc = 1.8 V to 5.5 V
−20°C ≤ Topr ≤ 85°C
TBD
32
TBD
MHz
Vcc = 1.8 V to 5.5 V
−40°C ≤ Topr ≤ 85°C
TBD
32
TBD
MHz
—
Oscillation stability time
Vcc = 5.0 V, Topr = 25
°C—
0.5
3
ms
—
Self power consumption at oscillation
Vcc = 5.0 V, Topr = 25
°C
—
400
—
µA
Table 5.11
Low-speed On-Chip Oscillator Circuit Electrical Characteristics
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
fOCO-S
Low-speed on-chip oscillator frequency
60
125
250
kHz
—
Oscillation stability time
Vcc = 5.0 V, Topr = 25
°C
—
30
100
µs
—
Self power consumption at oscillation
Vcc = 5.0 V, Topr = 25
°C—
2
—
µA
Table 5.12
Power Supply Circuit Timing Characteristics
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
td(P-R)
Time for internal power supply stabilization during
power-on (2)
—
—
2000
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com