Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # R8C
Description  RENESAS MCU
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button R8C Datasheet HTML 23Page - Renesas Technology Corp R8C Datasheet HTML 24Page - Renesas Technology Corp R8C Datasheet HTML 25Page - Renesas Technology Corp R8C Datasheet HTML 26Page - Renesas Technology Corp R8C Datasheet HTML 27Page - Renesas Technology Corp R8C Datasheet HTML 28Page - Renesas Technology Corp R8C Datasheet HTML 29Page - Renesas Technology Corp R8C Datasheet HTML 30Page - Renesas Technology Corp R8C Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 50 page
background image
REJ03B0320-0010 Rev.0.10
Page 27 of 47
Jul 12, 2010
R8C/3JT Group
5. Electrical Characteristics
Under development Preliminary document
Specifications in this document are tentative and subject to change.
Notes:
1. Vcc = 1.8 V to 5.5 V at Topr =
−20°C to 85°C (N version)/−40°C to 85°C (D version), unless otherwise specified.
2. The average output current indicates the average value of current measured during 100 ms.
3. fOCO40M can be used as the count source for timer RC in the range of Vcc = 2.7 V to 5.5 V.
Table 5.2
Recommended Operating Conditions
Symbol
Parameter
Conditions
Standard
Unit
Min.
Typ.
Max.
VCC/AVCC Supply voltage
1.8
—
5.5
V
VSS/AVSS
Supply voltage
—0
—
V
VIH
Input “H” voltage
Other than CMOS input
0.8 Vcc
—
Vcc
V
CMOS
input
Input level
switching
function
(I/O port)
Input level selection
: 0.35 Vcc
4.0 V
≤ Vcc ≤ 5.5 V
0.5 Vcc
—
Vcc
V
2.7 V
≤ Vcc < 4.0 V 0.55 Vcc
—
Vcc
V
1.8 V
≤ Vcc < 2.7 V 0.65 Vcc
—
Vcc
V
Input level selection
: 0.5 Vcc
4.0 V
≤ Vcc ≤ 5.5 V 0.65 Vcc
—
Vcc
V
2.7 V
≤ Vcc < 4.0 V
0.7 Vcc
—
Vcc
V
1.8 V
≤ Vcc < 2.7 V
0.8 Vcc
—
Vcc
V
Input level selection
: 0.7 Vcc
4.0 V
≤ Vcc ≤ 5.5 V 0.85 Vcc
—
Vcc
V
2.7 V
≤ Vcc < 4.0 V 0.85 Vcc
—
Vcc
V
1.8 V
≤ Vcc < 2.7 V 0.85 Vcc
—
Vcc
V
External clock input (XOUT)
1.2
—
Vcc
V
VIL
Input “L” voltage
Other than CMOS input
0
—
0.2 Vcc
V
CMOS
input
Input level
switching
function
(I/O port)
Input level selection
: 0.35 Vcc
4.0 V
≤ Vcc ≤ 5.5 V
0
—
0.2 Vcc
V
2.7 V
≤ Vcc < 4.0 V
0
—
0.2 Vcc
V
1.8 V
≤ Vcc < 2.7 V
0
—
0.2 Vcc
V
Input level selection
: 0.5 Vcc
4.0 V
≤ Vcc ≤ 5.5 V
0
—
0.4 Vcc
V
2.7 V
≤ Vcc < 4.0 V
0
—
0.3 Vcc
V
1.8 V
≤ Vcc < 2.7 V
0
—
0.2 Vcc
V
Input level selection
: 0.7 Vcc
4.0 V
≤ Vcc ≤ 5.5 V
0
—
0.55 Vcc
V
2.7 V
≤ Vcc < 4.0 V
0
—
0.45 Vcc
V
1.8 V
≤ Vcc < 2.7 V
0
—
0.35 Vcc
V
External clock input (XOUT)
0
—
0.4 Vcc
V
IOH(sum)
Peak sum output
“H” current
Sum of all pins IOH(peak)
——
−160
mA
IOH(sum)
Average sum
output “H” current
Sum of all pins IOH(avg)
——
−80
mA
IOH(peak)
Peak output “H”
current
Drive capacity Low
—
—
−10
mA
Drive capacity High
—
—
−40
mA
IOH(avg)
Average output
“H” current
Drive capacity Low
—
—
−5mA
Drive capacity High
—
—
−20
mA
IOL(sum)
Peak sum output
“L” current
Sum of all pins IOL(peak)
—
—
160
mA
IOL(sum)
Average sum
output “L” current
Sum of all pins IOL(avg)
——
80
mA
IOL(peak)
Peak output “L”
current
Drive capacity Low
—
—
10
mA
Drive capacity High
—
—
40
mA
IOL(avg)
Average output
“L” current
Drive capacity Low
—
—
5
mA
Drive capacity High
—
—
20
mA
f(XIN)
XIN clock input oscillation frequency
2.7 V
≤ Vcc ≤ 5.5 V
—
—
20
MHz
1.8 V
≤ Vcc < 2.7 V
—
—
5
MHz
fOCO40M When used as the count source for timer RC (3)
2.7 V
≤ Vcc ≤ 5.5 V
32
—
40
MHz
fOCO-F
fOCO-F frequency
2.7 V
≤ Vcc ≤ 5.5 V
—
—
20
MHz
1.8 V
≤ Vcc < 2.7 V
—
—
5
MHz
—
System clock frequency
2.7 V
≤ Vcc ≤ 5.5 V
—
—
20
MHz
1.8 V
≤ Vcc < 2.7 V
—
—
5
MHz
f(BCLK)
CPU clock frequency
2.7 V
≤ Vcc ≤ 5.5 V
—
—
20
MHz
1.8 V
≤ Vcc < 2.7 V
—
—
5
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com