Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # R8C
Description  RENESAS MCU
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button R8C Datasheet HTML 25Page - Renesas Technology Corp R8C Datasheet HTML 26Page - Renesas Technology Corp R8C Datasheet HTML 27Page - Renesas Technology Corp R8C Datasheet HTML 28Page - Renesas Technology Corp R8C Datasheet HTML 29Page - Renesas Technology Corp R8C Datasheet HTML 30Page - Renesas Technology Corp R8C Datasheet HTML 31Page - Renesas Technology Corp R8C Datasheet HTML 32Page - Renesas Technology Corp R8C Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 50 page
background image
REJ03B0320-0010 Rev.0.10
Page 29 of 47
Jul 12, 2010
R8C/3JT Group
5. Electrical Characteristics
Under development Preliminary document
Specifications in this document are tentative and subject to change.
Notes:
1. Vcc/AVcc = Vref = 2.2 V to 5.5 V, Vss = 0 V at Topr =
−20°C to 85°C (N version)/−40°C to 85°C (D version), unless otherwise
specified.
2. The A/D conversion result will be undefined in wait mode, stop mode, when the flash memory stops, and in low-current-
consumption mode. Do not perform A/D conversion in these states or transition to these states during A/D conversion.
3. When the analog input voltage is over the reference voltage, the A/D conversion result will be 3FFh in 10-bit mode and FFh in
8-bit mode.
Table 5.3
A/D Converter Characteristics
Symbol
Parameter
Conditions
Standard
Unit
Min.
Typ.
Max.
—
Resolution
Vref = AVcc
—
—
10
Bit
—
Absolute accuracy
10-bit mode
Vref = AVcc = 5.0 V
AN0 to AN7 input
AN8 to AN11 input
—
—
±3
LSB
Vref = AVcc = 3.3 V
AN0 to AN7 input
AN8 to AN11 input
—
—
±5
LSB
Vref = AVcc = 3.0 V
AN0 to AN7 input
AN8 to AN11 input
—
—
±5
LSB
Vref = AVcc = 2.2 V
AN0 to AN7 input
AN8 to AN11 input
—
—
±5
LSB
8-bit mode
Vref = AVcc = 5.0 V
AN0 to AN7 input
AN8 to AN11 input
—
—
±2
LSB
Vref = AVcc = 3.3 V
AN0 to AN7 input
AN8 to AN11 input
—
—
±2
LSB
Vref = AVcc = 3.0 V
AN0 to AN7 input
AN8 to AN11 input
—
—
±2
LSB
Vref = AVcc = 2.2 V
AN0 to AN7 input
AN8 to AN11 input
—
—
±2
LSB
φAD
A/D conversion clock
4.0 V
≤ Vref = AVcc ≤ 5.5 V (2)
2—
20
MHz
3.2 V
≤ Vref = AVcc ≤ 5.5 V (2)
2—
16
MHz
2.7 V
≤ Vref = AVcc ≤ 5.5 V (2)
2—
10
MHz
2.2 V
≤ Vref = AVcc ≤ 5.5 V (2)
2—
5
MHz
—
Tolerance level impedance
—
3
—
k
Ω
tCONV
Conversion time
10-bit mode
Vref = AVcc = 5.0 V,
φAD = 20 MHz
2.2
—
—
µs
8-bit mode
Vref = AVcc = 5.0 V,
φAD = 20 MHz
2.2
—
—
ms
tSAMP
Sampling time
φAD = 20 MHz
0.75
—
—
µs
IVref
Vref current
Vcc = 5.0 V, XIN = f1 =
φAD = 20 MHz
—
45
—
µA
Vref
Reference voltage
2.2
—
AVcc
V
VIA
Analog input voltage (3)
0—
Vref
V
OCVREF On-chip reference voltage
2 MHz
≤ φAD ≤ 4 MHz
1.19
1.34
1.49
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com