Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C Datasheet(PDF) 47 Page - Renesas Technology Corp

Part # R8C
Description  RENESAS MCU
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C Datasheet(HTML) 47 Page - Renesas Technology Corp

Back Button R8C Datasheet HTML 42Page - Renesas Technology Corp R8C Datasheet HTML 43Page - Renesas Technology Corp R8C Datasheet HTML 44Page - Renesas Technology Corp R8C Datasheet HTML 45Page - Renesas Technology Corp R8C Datasheet HTML 46Page - Renesas Technology Corp R8C Datasheet HTML 47Page - Renesas Technology Corp R8C Datasheet HTML 48Page - Renesas Technology Corp R8C Datasheet HTML 49Page - Renesas Technology Corp R8C Datasheet HTML 50Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 47 / 50 page
background image
REJ03B0320-0010 Rev.0.10
Page 47 of 47
Jul 12, 2010
R8C/3JT Group
Package Dimensions
Under development Preliminary document
Specifications in this document are tentative and subject to change.
Package Dimensions
Diagrams showing the latest package dimensions and mounting information are available in the “Packages” section of
the Renesas Electronics website.
P-HXQFN40-5x5-0.40
0.037g
MASS[Typ.]
PXQN0040LA-A
RENESAS Code
JEITA Package Code
Previous Code
A
B
1
11
10
20
21
30
31
40
10
40
1
31
30
21
20
11
y1 S
S
xS
M
A B
C0.3
D
3.5
e
b
( Ni/Pd/Au plating )
S
t
S
y
5.10
5.00
4.90
5.10
5.00
4.90
0.15
0.05
0
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
0.40
0.08
0.40
0.125
0.15
0.20
0.25
0.50
0.10
0.45
0.35
0.10
t
y1
Lp
ZE
ZD
y
x
b1
b
A
A2
E
D
A1
e
c1
HD
c
HE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com