Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # R8C
Description  RENESAS MCU
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C Datasheet(HTML) 3 Page - Renesas Technology Corp

  R8C Datasheet HTML 1Page - Renesas Technology Corp R8C Datasheet HTML 2Page - Renesas Technology Corp R8C Datasheet HTML 3Page - Renesas Technology Corp R8C Datasheet HTML 4Page - Renesas Technology Corp R8C Datasheet HTML 5Page - Renesas Technology Corp R8C Datasheet HTML 6Page - Renesas Technology Corp R8C Datasheet HTML 7Page - Renesas Technology Corp R8C Datasheet HTML 8Page - Renesas Technology Corp R8C Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
REJ03B0320-0010 Rev.0.10
Page 3 of 47
Jul 12, 2010
R8C/3JT Group
1. Overview
Under development Preliminary document
Specifications in this document are tentative and subject to change.
Note:
1. Specify the D version if D version functions are to be used.
Table 1.2
Specifications for R8C/3JT Group (2)
Item
Function
Specification
Serial
Interface
UART0
Clock synchronous serial I/O/UART
UART2
Clock synchronous serial I/O/UART, I2C mode (I2C-bus), SSU mode,
multiprocessor communication function
LIN Module
Hardware LIN: 1 (timer RA, UART0)
A/D Converter
10-bit resolution × 12 channels, includes sample and hold function, with sweep
mode
Sensor Control Unit
System CH × 3, electrostatic capacitive touch detection × 22
Flash Memory
• Programming and erasure voltage: VCC = 2.7 V to 5.5 V
• Programming and erasure endurance: 10,000 times (data flash)
1,000 times (program ROM)
• Program security: ROM code protect, ID code check
• Debug functions: On-chip debug, on-board flash rewrite function
• Background operation (BGO) function
Operating Frequency/Supply
Voltage
f(XIN) = 20 MHz (VCC = 2.7 V to 5.5 V)
f(XIN) = 5 MHz (VCC = 1.8 V to 5.5 V)
Current Consumption
Typ. 6.5 mA (VCC = 5.0 V, f(XIN) = 20 MHz)
Typ. 3.5 mA (VCC = 3.0 V, f(XIN) = 10 MHz)
Typ. 3.5
µA (VCC = 3.0 V, wait mode)
Typ. 2.0
µA (VCC = 3.0 V, stop mode)
Operating Ambient Temperature
−20 to 85°C (N version)
−40 to 85°C (D version) (1)
Package
40-pin HXQFN
Package code: PXQN0040LA-A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com