Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # R8C
Description  RENESAS MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C Datasheet(HTML) 4 Page - Renesas Technology Corp

  R8C Datasheet HTML 1Page - Renesas Technology Corp R8C Datasheet HTML 2Page - Renesas Technology Corp R8C Datasheet HTML 3Page - Renesas Technology Corp R8C Datasheet HTML 4Page - Renesas Technology Corp R8C Datasheet HTML 5Page - Renesas Technology Corp R8C Datasheet HTML 6Page - Renesas Technology Corp R8C Datasheet HTML 7Page - Renesas Technology Corp R8C Datasheet HTML 8Page - Renesas Technology Corp R8C Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
R8C/M11A Group, R8C/M12A Group
1. Overview
Under development Preliminary document
Specifications in this document are tentative and subject to change.
R01DS0010EJ0010 Rev.0.10
Page 4 of 45
Aug 25, 2010
1.1.3
Specifications
Tables 1.3 and 1.4 outline the Specifications.
Table 1.3
Specifications (1)
Item
Function
Description
CPU
Central processing
unit
R8C CPU core
• Number of fundamental instructions: 89
• Minimum instruction execution time:
50 ns (f(XIN) = 20 MHz, VCC = 2.7 V to 5.5 V)
200 ns (f(XIN) = 5 MHz, VCC = 1.8 V to 5.5 V)
• Multiplier: 16 bits × 16 bits
→ 32 bits
• Multiply-accumulate instruction: 16 bits × 16 bits + 32 bits
→ 32 bits
• Operating mode: Single-chip mode (address space: 1 Mbyte)
Memory
ROM, RAM,
data flash
See Table 1.5 Product List.
Reset sources
• Hardware reset by RESET
• Power-on reset
• Watchdog timer reset
• Software reset
• Reset by voltage detection 0
Voltage
detection
Voltage detection
circuit
Voltage detection with two check points:
Voltage detection 0, voltage detection 1 (detection levels selectable)
Watchdog timer
• 14 bits × 1 (with prescaler)
• Reset start function selectable
• Count source protection function selectable
Clock
Clock generation
circuits
• 3 circuits: XIN clock oscillation circuit,
high-speed on-chip oscillator (with frequency adjustment function),
low-speed on-chip oscillator
• Oscillation stop detection: XIN clock oscillation stop detection function
• Clock frequency divider circuit integrated
Power control
• Standard operating mode
• Wait mode (CPU stopped, peripheral functions in operation)
• Stop mode (CPU and peripheral functions stopped)
Interrupts
• Number of interrupt vectors: 69
• External interrupt inputs: 8 (INT × 4, key input × 4)
• Priority levels: 2
I/O ports
Programmable I/O
ports
• CMOS I/O: 17 (pull-up resistor selectable)
• High-current drive ports: 8
Timer
Timer RJ2
16 bits × 1
Timer mode, pulse output mode (output level inverted every period),
event counter mode, pulse width measurement mode, pulse period
measurement mode
Timer RB2
8 bits × 1 (with 8-bit prescaler) or 16 bits × 1 (selectable)
Timer mode, programmable waveform generation mode (PWM output),
programmable one-shot generation mode, programmable wait one-shot
generation mode
Timer RC
16 bits × 1 (with 4 capture/compare registers)
Timer mode (output compare function, input capture function),
PWM mode (3 outputs), PWM2 mode (1 PWM output)
Serial
interface
UART0
Clock synchronous serial I/O. Also used for asynchronous serial I/O.
A/D converter
• Resolution: 10 bits × 6 channels
• Sample and hold function, sweep mode
Comparator B
2 circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com