Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # R8C
Description  RENESAS MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C Datasheet(HTML) 3 Page - Renesas Technology Corp

  R8C Datasheet HTML 1Page - Renesas Technology Corp R8C Datasheet HTML 2Page - Renesas Technology Corp R8C Datasheet HTML 3Page - Renesas Technology Corp R8C Datasheet HTML 4Page - Renesas Technology Corp R8C Datasheet HTML 5Page - Renesas Technology Corp R8C Datasheet HTML 6Page - Renesas Technology Corp R8C Datasheet HTML 7Page - Renesas Technology Corp R8C Datasheet HTML 8Page - Renesas Technology Corp R8C Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
R8C/M11A Group, R8C/M12A Group
1. Overview
Under development Preliminary document
Specifications in this document are tentative and subject to change.
R01DS0010EJ0010 Rev.0.10
Page 3 of 45
Aug 25, 2010
Table 1.2 lists the R8C/M11A Group Register Settings. These settings correspond to the specification
differences between the R8C/M11A Group and R8C/M12A Group.
Table 1.2
R8C/M11A Group Register Settings
Related
Function
Register Name Address
Bit
Setting Method for Access
INT3
INTEN
00038h
INT3EN
Reserved bit. Set to 0.
INTF0
0003Ah
INT3F0, INT3F1
Reserved bits. Set to 0.
ISCR0
0003Ch
INT3SA, INT3SB
Reserved bits. Set to 0.
ILVLD
0004Dh
ILVLD0, ILVLD1
Reserved bits. Set to 0.
IRR3
00053h
IRI3
Reserved bit.
KI0
KIEN
0003Eh
KI0EN, KI0PL
Reserved bits. Set to 0.
Comparator B3
interrupt
ILVL2
00042h
ILVL24, ILVL25
Reserved bits. Set to 0.
IRR2
00052h
IRCMP3
Reserved bit.
P1_0
PD1
000A9h
PD1_0
Reserved bit. Set to 0.
P1
000AFh
P1_0
Reserved bit. Set to 0.
PUR1
000B5h
PU1_0
Reserved bit. Set to 0.
POD1
000C1h
POD1_0
Reserved bit. Set to 0.
PML1
000C8h
P10SEL0, P10SEL1
Reserved bits. Set to 0.
P3_3, P3_4,
P3_5
PD3
000ABh
PD3_3, PD3_4, PD3_5
Reserved bits. Set to 0.
P3
000B1h
P3_3, P3_4, P3_5
Reserved bits. Set to 0.
PUR3
000B7h
PU3_3, PU3_4, PU3_5
Reserved bits. Set to 0.
DRR3
000BDh
DRR3_3, DRR3_4, DRR3_5
Reserved bits. Set to 0.
POD3
000C3h
POD3_3, POD3_4, POD3_5
Reserved bits. Set to 0.
PML3
000CCh
P33SEL0, P33SEL1
Reserved bits. Set to 0.
PMH3
000CDh
P34SEL0, P34SEL1,
P35SEL0, P35SEL1
Reserved bits. Set to 0.
P4_2, P4_5
PD4
000ACh
PD4_2, PD4_5
Reserved bits. Set to 0.
P4
000B2h
P4_2, P4_5
Reserved bits. Set to 0.
PUR4
000B8h
PU4_2, PU4_5
Reserved bits. Set to 0.
POD4
000C4h
POD4_2, POD4_5
Reserved bits. Set to 0.
PML4
000CEh
P42SEL0, P42SEL1
Reserved bits. Set to 0.
PMH4
000CFh
P45SEL0, P45SEL1
Reserved bits. Set to 0.
AN0
ADINSEL
0009Dh
CH0, ADGSEL0, ADGSEL1
Do not set to 000.
Comparator B
WCMPR
00180h
WCB3M0, WCB3OUT
Reserved bits. Set to 0.
WCB3INTR
00182h
All bits
Reserved register. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com