Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # R8C
Description  RENESAS MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button R8C Datasheet HTML 2Page - Renesas Technology Corp R8C Datasheet HTML 3Page - Renesas Technology Corp R8C Datasheet HTML 4Page - Renesas Technology Corp R8C Datasheet HTML 5Page - Renesas Technology Corp R8C Datasheet HTML 6Page - Renesas Technology Corp R8C Datasheet HTML 7Page - Renesas Technology Corp R8C Datasheet HTML 8Page - Renesas Technology Corp R8C Datasheet HTML 9Page - Renesas Technology Corp R8C Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
R8C/M11A Group, R8C/M12A Group
1. Overview
Under development Preliminary document
Specifications in this document are tentative and subject to change.
R01DS0010EJ0010 Rev.0.10
Page 6 of 45
Aug 25, 2010
1.2
Product List
Table 1.5 lists the Product List. Figure 1.1 shows the Product Part Number Structure.
(D): Under development
Figure 1.1
Product Part Number Structure
Table 1.5
Product List
Group Name
Part No.
Internal ROM Capacity
Internal RAM
Capacity
Package Type
Remarks
Program ROM
Data Flash
R8C/M11A
Group
R5F2M110ANSP (D)
2 Kbytes
1 Kbyte × 2
256 bytes
PTSP0014JA-B
N version
R5F2M111ANSP (D)
4 Kbytes
1 Kbyte × 2
384 bytes
R5F2M112ANSP (D)
8 Kbytes
1 Kbyte × 2
512 bytes
R5F2M110ANDD (D)
2 Kbytes
1 Kbyte × 2
256 bytes
PRDP0014AC-A
R5F2M111ANDD (D)
4 Kbytes
1 Kbyte × 2
384 bytes
R5F2M112ANDD (D)
8 Kbytes
1 Kbyte × 2
512 bytes
R5F2M110ADSP (D)
2 Kbytes
1 Kbyte × 2
256 bytes
PTSP0014JA-B
D version
R5F2M111ADSP (D)
4 Kbytes
1 Kbyte × 2
384 bytes
R5F2M112ADSP (D)
8 Kbytes
1 Kbyte × 2
512 bytes
R8C/M12A
Group
R5F2M120ANSP (D)
2 Kbytes
1 Kbyte × 2
256 bytes
PLSP0020JB-A
N version
R5F2M121ANSP (D)
4 Kbytes
1 Kbyte × 2
384 bytes
R5F2M122ANSP (D)
8 Kbytes
1 Kbyte × 2
512 bytes
R5F2M120ANDD (D)
2 Kbytes
1 Kbyte × 2
256 bytes
PRDP0020AD-A
R5F2M121ANDD (D)
4 Kbytes
1 Kbyte × 2
384 bytes
R5F2M122ANDD (D)
8 Kbytes
1 Kbyte × 2
512 bytes
R5F2M120ADSP (D)
2 Kbytes
1 Kbyte × 2
256 bytes
PLSP0020JB-A
D version
R5F2M121ADSP (D)
4 Kbytes
1 Kbyte × 2
384 bytes
R5F2M122ADSP (D)
8 Kbytes
1 Kbyte × 2
512 bytes
Current of Aug 2010
Part No. R 5 F 2MX X X A N SP
Package type:
SP: PTSP0014JA-B, PLSP0020JB-A
DD: PRDP0014AC-A, PRDP0020AD-A
Classification
N: Operating ambient temperature -20 °C to 85 °C
D: Operating ambient temperature -40 °C to 85 °C
ROM capacity
0: 2 KB
1: 4 KB
2: 8 KB
Number of pins
1: 14 pins
2: 20 pins
R8C/MXXA Group
R8C/Mx Series
Memory type
F: Flash memory
Renesas MCU
Renesas semiconductor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com