Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # R8C
Description  RENESAS MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button R8C Datasheet HTML 12Page - Renesas Technology Corp R8C Datasheet HTML 13Page - Renesas Technology Corp R8C Datasheet HTML 14Page - Renesas Technology Corp R8C Datasheet HTML 15Page - Renesas Technology Corp R8C Datasheet HTML 16Page - Renesas Technology Corp R8C Datasheet HTML 17Page - Renesas Technology Corp R8C Datasheet HTML 18Page - Renesas Technology Corp R8C Datasheet HTML 19Page - Renesas Technology Corp R8C Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
R8C/M11A Group, R8C/M12A Group
3. Address Space
Under development Preliminary document
Specifications in this document are tentative and subject to change.
R01DS0010EJ0010 Rev.0.10
Page 16 of 45
Aug 25, 2010
X: Undefined
Notes:
1. The blank areas are reserved. No access is allowed.
2. The LVDAS bit in the OFS register is 0.
3. The LVDAS bit in the OFS register is 1.
4. The value after a reset differs depending on the reset source.
Table 3.2
SFR Information (2) (1)
Address
Register Name
Symbol
After Reset
0003Ah
INT Input Filter Select Register 0
INTF0
00h
0003Bh
0003Ch
INT Input Edge Select Register 0
ISCR0
00h
0003Dh
0003Eh
Key Input Enable Register
KIEN
00h
0003Fh
00040h
Interrupt Priority Level Register 0
ILVL0
00h
00041h
00042h
Interrupt Priority Level Register 2
ILVL2
00h
00043h
Interrupt Priority Level Register 3
ILVL3
00h
00044h
Interrupt Priority Level Register 4
ILVL4
00h
00045h
Interrupt Priority Level Register 5
ILVL5
00h
00046h
Interrupt Priority Level Register 6
ILVL6
00h
00047h
Interrupt Priority Level Register 7
ILVL7
00h
00048h
Interrupt Priority Level Register 8
ILVL8
00h
00049h
Interrupt Priority Level Register 9
ILVL9
00h
0004Ah
Interrupt Priority Level Register A
ILVLA
00h
0004Bh
Interrupt Priority Level Register B
ILVLB
00h
0004Ch
Interrupt Priority Level Register C
ILVLC
00h
0004Dh
Interrupt Priority Level Register D
ILVLD
00h
0004Eh
Interrupt Priority Level Register E
ILVLE
00h
0004Fh
00050h
Interrupt Monitor Flag Register 0
IRR0
00h
00051h
Interrupt Monitor Flag Register 1
IRR1
00h
00052h
Interrupt Monitor Flag Register 2
IRR2
00h
00053h
External Interrupt Flag Register
IRR3
00h
00054h
00055h
00056h
00057h
00058h
Voltage Monitor Circuit Edge Select Register
VCAC
00h
00059h
0005Ah
Voltage Detect Register 2
VCA2
00100100b (2)
00000100b (3)
0005Bh
Voltage Detection 1 Level Select Register
VD1LS
00000111b
0005Ch
Voltage Monitor 0 Circuit Control Register
VW0C
1100X011b (2)
1100X010b (3)
0005Dh
Voltage Monitor 1 Circuit Control Register
VW1C
10001010b
0005Eh
0005Fh
Reset Source Determination Register
RSTFR
0000XXXXb (4)
00060h
00061h
00062h
00063h
00064h
High-Speed On-Chip Oscillator 18.432 MHz Control Register 0
FR18S0
Value when shipped
00065h
High-Speed On-Chip Oscillator 18.432 MHz Control Register 1
FR18S1
Value when shipped
00066h
00067h
High-Speed On-Chip Oscillator Control Register 1
FRV1
Value when shipped
00068h
High-Speed On-Chip Oscillator Control Register 2
FRV2
Value when shipped
00069h
0006Ah
0006Bh
0006Ch
0006Dh
0006Eh
0006Fh
00070h
00071h
00072h
00073h
00074h
00075h
00076h
00077h
00078h
00079h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com