Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # R8C
Description  RENESAS MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button R8C Datasheet HTML 22Page - Renesas Technology Corp R8C Datasheet HTML 23Page - Renesas Technology Corp R8C Datasheet HTML 24Page - Renesas Technology Corp R8C Datasheet HTML 25Page - Renesas Technology Corp R8C Datasheet HTML 26Page - Renesas Technology Corp R8C Datasheet HTML 27Page - Renesas Technology Corp R8C Datasheet HTML 28Page - Renesas Technology Corp R8C Datasheet HTML 29Page - Renesas Technology Corp R8C Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
R8C/M11A Group, R8C/M12A Group
4. Electrical Characteristics
Under development Preliminary document
Specifications in this document are tentative and subject to change.
R01DS0010EJ0010 Rev.0.10
Page 26 of 45
Aug 25, 2010
Notes:
1. Vcc/AVcc = 1.8 V to 5.5 V and Vss = 0 V and Topr = -20
°C to 85 °C (N version)/-40 °C to 85 °C (D version), unless otherwise
specified.
2. The A/D conversion result will be undefined in stop mode, or when the flash memory is in low-current-consumption read mode
or stopped. Do not perform A/D conversion in these states. Do not enter these states during A/D conversion.
Notes:
1. Vcc = 2.7 V to 5.5 V and Topr = -20
°C to 85 °C (N version)/-40 °C to 85 °C (D version), unless otherwise specified.
2. When the digital filter is disabled.
Table 4.3
A/D Converter Characteristics
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
—
Resolution
—
—
10
Bit
—
Absolute accuracy
AVcc = 5.0 V
AN0 to AN4, AN7 input
—
—
±3
LSB
AVcc = 3.0 V
AN0 to AN4, AN7 input
—
—
±5
LSB
AVcc = 1.8 V
AN0 to AN4, AN7 input
—
—
±5
LSB
φAD
A/D conversion clock
4.0 V
≤ AVcc ≤ 5.5 V (2)
2—
20
MHz
3.2 V
≤ AVcc ≤ 5.5 V (2)
2—
16
MHz
2.7 V
≤ AVcc ≤ 5.5 V (2)
2—
10
MHz
1.8 V
≤ AVcc ≤ 5.5 V (2)
2—5
MHz
—
Permissible signal source
impedance
3k
Ω
tCONV
Conversion time
AVcc = 5.0 V,
φAD = 20 MHz
2.15
—
—
µs
tSAMP
Sampling time
φAD = 20 MHz
0.75
—
—
µs
VIA
Analog input voltage
0
—
AVcc
V
Table 4.4
Comparator B Electrical Characteristics
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
Vref
IVREF1, IVREF3 input reference voltage
0
—
Vcc - 1.4
V
VI
IVCMP1, IVCMP3 input voltage
-0.3
—
Vcc + 0.3
V
—Offset
—
5
100
mV
td
Comparator output delay time (2)
VI = Vref ± 100 mV
—
0.1
—
µs
ICMP
Comparator operating current
Vcc = 5.0 V
—
17.5
—
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com