Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFS14 Datasheet(PDF) 7 Page - EPCOS

Part # SFS14
Description  SIOV metal oxide varistors Housed (Fail-safe) varistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

SFS14 Datasheet(HTML) 7 Page - EPCOS

  SFS14 Datasheet HTML 1Page - EPCOS SFS14 Datasheet HTML 2Page - EPCOS SFS14 Datasheet HTML 3Page - EPCOS SFS14 Datasheet HTML 4Page - EPCOS SFS14 Datasheet HTML 5Page - EPCOS SFS14 Datasheet HTML 6Page - EPCOS SFS14 Datasheet HTML 7Page - EPCOS SFS14 Datasheet HTML 8Page - EPCOS SFS14 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
11/07
Cautions and warnings
General
1. EPCOS metal oxide varistors (SIOVs) are designed for specific applications and should not be
used for purposes not identified in our specifications, application notes and data books unless
otherwise agreed with EPCOS during the design-in-phase.
2. Ensure suitability of SIOVs through reliability testing during the design-in phase. SIOVs should
be evaluated taking into consideration worst-case conditions.
3. For applications of SIOVs in line-to-ground circuits based on various international and local
standards there are restrictions existing or additional safety measures required.
Storage
1. Store SIOVs only in original packaging. Do not open the package before storage.
2. Storage conditions in original packaging:
Storage temperature:
–25
°C … +45 °C
Relative humidity:
<75% annual average,
<95% on maximum 30 days a year.
Dew precipitation:
Is to be avoided.
3. Avoid contamination of an SIOV’s surface during storage, handling and processing.
4. Avoid storage of SIOVs in harmful environments that can affect the function during long-term
operation (examples given under operation precautions).
5. The SIOV type series should be soldered within the time specified:
SIOV-S, -Q, -LS
24 months
ETFV and SFS types
12 months.
Handling
1. SIOVs must not be dropped.
2. Components must not be touched with bare hands. Gloves are recommended.
3. Avoid contamination of the surface of SIOV electrodes during handling, be careful of the sharp
edge of SIOV electrodes.
Soldering (where applicable)
1. Use rosin-type flux or non-activated flux.
2. Insufficient preheating may cause ceramic cracks.
3. Rapid cooling by dipping in solvent is not recommended.
4. Complete removal of flux is recommended.
Please read Cautions and warnings and
Important notes at the end of this document.
Housed varistors
Fail-safe varistor, SFS14 series



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com