Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFS14 Datasheet(PDF) 3 Page - EPCOS

Part # SFS14
Description  SIOV metal oxide varistors Housed (Fail-safe) varistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

SFS14 Datasheet(HTML) 3 Page - EPCOS

  SFS14 Datasheet HTML 1Page - EPCOS SFS14 Datasheet HTML 2Page - EPCOS SFS14 Datasheet HTML 3Page - EPCOS SFS14 Datasheet HTML 4Page - EPCOS SFS14 Datasheet HTML 5Page - EPCOS SFS14 Datasheet HTML 6Page - EPCOS SFS14 Datasheet HTML 7Page - EPCOS SFS14 Datasheet HTML 8Page - EPCOS SFS14 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
11/07
Please read Cautions and warnings and
Important notes at the end of this document.
Other types are available on request.
Dimensional drawing
Weight
Maximum ratings (TA = 85 °C)
Ordering code
Type
(untaped)
SIOV-
VRMS
V
VDC
V
imax
(8/20
µs)
A
Wmax
(2 ms)
J
Pmax
W
B72214F2381K101
SFS14K385E2
385
505
5000
136
0.6
Characteristics (TA = 25 °C)
Ordering code
Type
(untaped)
SIOV-
Vv
(1 mA)
V
∆V
v
(1 mA)
%
vc, max
(ic)
V
ic
A
Ctyp
(1 kHz)
pF
B72214F2381K101
SFS14K385E2
620
±10
1025
50
240
20 max.
1)
11 max.
ø0.8±0.05
7.5±1.0
1) Seating plane in accordance with IEC 60717
VAR0593-F-E
3.4±1.0
Nominal diameter
mm
VRMS
V
Weight
g
14
385
5.5
Fail-safe varistor, SFS14 series
Housed varistors



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com