Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFS14 Datasheet(PDF) 2 Page - EPCOS

Part # SFS14
Description  SIOV metal oxide varistors Housed (Fail-safe) varistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

SFS14 Datasheet(HTML) 2 Page - EPCOS

  SFS14 Datasheet HTML 1Page - EPCOS SFS14 Datasheet HTML 2Page - EPCOS SFS14 Datasheet HTML 3Page - EPCOS SFS14 Datasheet HTML 4Page - EPCOS SFS14 Datasheet HTML 5Page - EPCOS SFS14 Datasheet HTML 6Page - EPCOS SFS14 Datasheet HTML 7Page - EPCOS SFS14 Datasheet HTML 8Page - EPCOS SFS14 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
11/07
Please read Cautions and warnings and
Important notes at the end of this document.
Construction
■ Plastic housing protected varistor
■ Terminals: tinned copper wire
■ Housing: heat-resistant and flame-retardant to UL 94 V-0
Features
■ No flame or rupture under specified test conditions
(see “Reliability data”, “Overvoltage test”)
■ No harm to other components nearby on printed circuit board (PCB)
Approvals
■ UL
■ CSA
Applications
■ Consumer electronics
■ Power supply
Delivery mode
■ Bulk (standard)
General technical data
Climatic category
to IEC 60068-1
40/85/56
Operating temperature
to CECC 42 000
– 40 … + 85
°C
Storage temperature
– 40 … +125
°C
Electric strength
to CECC 42 000
≥2.5
kVRMS
Insulation resistance
to CECC 42 000
≥10
M
Ω
Response time
<25
ns
Housed varistors
Fail-safe varistor, SFS14 series



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com