Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFS14 Datasheet(PDF) 4 Page - EPCOS

Part # SFS14
Description  SIOV metal oxide varistors Housed (Fail-safe) varistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

SFS14 Datasheet(HTML) 4 Page - EPCOS

  SFS14 Datasheet HTML 1Page - EPCOS SFS14 Datasheet HTML 2Page - EPCOS SFS14 Datasheet HTML 3Page - EPCOS SFS14 Datasheet HTML 4Page - EPCOS SFS14 Datasheet HTML 5Page - EPCOS SFS14 Datasheet HTML 6Page - EPCOS SFS14 Datasheet HTML 7Page - EPCOS SFS14 Datasheet HTML 8Page - EPCOS SFS14 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
11/07
Please read Cautions and warnings and
Important notes at the end of this document.
Reliability data
Test
Test methods/conditions
Requirement
Varistor voltage
The voltage between two terminals with
the specified measuring current applied
is called Vv (1 mADC @ 0.2 … 2 s).
To meet the specified value.
Clamping voltage
The maximum voltage between two
terminals with the specified standard
impulse current (8/20
µs) applied.
To meet the specified value.
Surge current derating,
8/20
µs
CECC 42 000, test C 2.1
100 surge currents (8/20
µs), unipolar,
interval 30 s, amplitude corresponding
to derating curve for 100 impulses
at 20
µs
|∆V/V (1 mA)| ≤10%
(measured in direction
of surge current)
No visible damage
Surge current derating,
2ms
CECC 42 000, test C 2.1
100 surge currents (2 ms), unipolar,
interval 120 s, amplitude corresponding
to derating curve for 100 impulses
at 2 ms
|∆V/V (1 mA)| ≤10%
(measured in direction
of surge current)
No visible damage
Overvoltage test
The varistor should be subjected to
VRMS test (VRMS = 0.85 Vv (1 mA))
until it failed, in series with 5 A fuse and
5
Ω resistor (based on S14 series).
No flame, no rupture
Fail-safe varistor, SFS14 series
Housed varistors



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com