Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFS14 Datasheet(PDF) 1 Page - EPCOS

Part # SFS14
Description  SIOV metal oxide varistors Housed (Fail-safe) varistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

SFS14 Datasheet(HTML) 1 Page - EPCOS

  SFS14 Datasheet HTML 1Page - EPCOS SFS14 Datasheet HTML 2Page - EPCOS SFS14 Datasheet HTML 3Page - EPCOS SFS14 Datasheet HTML 4Page - EPCOS SFS14 Datasheet HTML 5Page - EPCOS SFS14 Datasheet HTML 6Page - EPCOS SFS14 Datasheet HTML 7Page - EPCOS SFS14 Datasheet HTML 8Page - EPCOS SFS14 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Data Sheet
Data Sheet
 EPCOS AG 2008. Reproduction, publication and dissemination of this publication, enclosures
hereto and the information contained therein without EPCOS’ prior express consent is prohibited.
SIOV metal oxide varistors
Housed (Fail-safe) varistors
Series/Type:
SFS14
Date:
December 2007


Similar Part No. - SFS14

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
SFS1401A-LF ZCOMM-SFS1401A-LF Datasheet
77Kb / 2P
Fixed Frequency Synthesizer Surface Mount Module
SFS1401A-LF ZCOMM-SFS1401A-LF Datasheet
77Kb / 2P
Fixed Frequency Synthesizer
SFS1401A-LF ZCOMM-SFS1401A-LF_11 Datasheet
77Kb / 2P
Fixed Frequency Synthesizer Surface Mount Module
logo
SeCoS Halbleitertechnol...
SFS14A SECOS-SFS14A Datasheet
340Kb / 3P
Voltage 5 V ~ 54V 200W Peak Power TVS
logo
First Components Intern...
SFS14G FCI-SFS14G Datasheet
1Mb / 2P
1.0Amp Glass Passivated SUPER FAST PLASTIC RECTIFIERS
More results

Similar Description - SFS14

ManufacturerPart #DatasheetDescription
logo
EPCOS
ETFV25 EPCOS-ETFV25 Datasheet
275Kb / 10P
SIOV metal oxide varistors Housed (ThermoFuse) varistors, AdvanceD series
B72214S1140K152 EPCOS-B72214S1140K152 Datasheet
970Kb / 46P
SIOV metal oxide varistors
B72210P2301K101 EPCOS-B72210P2301K101 Datasheet
454Kb / 23P
SIOV metal oxide varistors
B72214S271K101 EPCOS-B72214S271K101 Datasheet
299Kb / 36P
SIOV metal oxide varistors
B72240B421K1 EPCOS-B72240B421K1 Datasheet
185Kb / 20P
SIOV metal oxide varistors
B72214S400K101 EPCOS-B72214S400K101 Datasheet
975Kb / 46P
SIOV metal oxide varistors
B72214S600K101 EPCOS-B72214S600K101 Datasheet
970Kb / 46P
SIOV metal oxide varistors
ETFV14K320E2 EPCOS-ETFV14K320E2 Datasheet
93Kb / 11P
SIOV metal oxide varistors
S14K320E2K1 EPCOS-S14K320E2K1 Datasheet
461Kb / 22P
SIOV metal oxide varistors
logo
TDK Electronics
S10K300E2K1 TDK-S10K300E2K1 Datasheet
440Kb / 22P
SIOV metal oxide varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com