Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8215C/D Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX8215C/D
Description  ±5V, ±12V (±15V) Dedicated Microprocessor Voltage Monitors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8215C/D Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX8215C/D Datasheet HTML 3Page - Maxim Integrated Products MAX8215C/D Datasheet HTML 4Page - Maxim Integrated Products MAX8215C/D Datasheet HTML 5Page - Maxim Integrated Products MAX8215C/D Datasheet HTML 6Page - Maxim Integrated Products MAX8215C/D Datasheet HTML 7Page - Maxim Integrated Products MAX8215C/D Datasheet HTML 8Page - Maxim Integrated Products MAX8215C/D Datasheet HTML 9Page - Maxim Integrated Products MAX8215C/D Datasheet HTML 10Page - Maxim Integrated Products MAX8215C/D Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
±5V, ±12V (±15V) Dedicated
Microprocessor Voltage Monitors
_______________________________________________________________________________________
7
Adding hysteresis to a comparator creates two trip
points–one for the input voltage rising and one for the
input voltage falling.
When the voltage at the
MAX8215/MAX8216 auxiliary comparator’s (noninvert-
ing) input falls, the threshold at which the comparator
switches equals the reference voltage connected to the
comparator’s inverting input. However, when the volt-
age at the noninverting input rises, the threshold
equals the reference voltage plus the amount of hys-
teresis voltage built into the part. The trip point is
somewhat more accurate when the hysteresis voltage
is not part of the threshold voltage (i.e., when the input
voltage is falling) because the tolerance of the hystere-
sis specification adds to the tolerance of the trip point.
Overvoltage and Undervoltage
Detection Circuits
Figure 2 shows connection of the auxiliary comparator
as either an undervoltage or overvoltage comparator.
Hysteresis makes this circuit more accurate when the
input voltage is dropping as opposed to rising. Figure
3 illustrates the comparator’s operation. The input volt-
age’s direction determines at which of two trip points
the comparator switches. Thus, the diagram includes
arrows that indicate whether the input voltage is rising
or falling. The formulas are provided for determining
trip-point voltages for specified resistors and for ease
in calculating appropriate resistor ratios for particular
trip points.
The MAX8215/MAX8216 comparator outputs correctly
display a low level down to 0.8V supply voltage. This is
useful in undervoltage applications where the monitored
power supply is also the supply connected to the VDD
pin. See the section Monitoring the Supply Voltage.
9
RB
1.24V REFERENCE
DOUT
MAX8215
MAX8216
VDD
DIN
+VS
RA
7
180k
VTRIP =
(RA+RB)(VREF)
RB
Figure 2. Undervoltage/Overvoltage Comparator Using the
Auxiliary Comparator
VTRIP2
VTRIP1
GND
VDD
INPUT VOLTAGE
(VS)
OUTPUT
VOLTAGE
GND
VHYST 1 +
RA
RB
(
)
TO DETERMINE THE TRIP VOLTAGES
FROM PARTICULAR RESISTOR
VALUES:
TO CALCULATE THE REQUIRED
RESISTOR RATIOS FOR PARTICULAR
TRIP VOLTAGES:
VTRIP1 = VREF 1 +
RA
RB
(
)
VTRIP2 = (VREF + VHYST) 1 +
RA
RB
(
)
RA
=
VTRIP1
- 1
RB
VREF
RA
=
VTRIP2
- 1
RB
VREF + VHYST
VHYST = 16mV TYP
Figure 3. Undervoltage/Overvoltage Detector Waveforms and
Formulas
MAX8215
MAX8216
14
VDD
8
PGND
0.1
µF
OUT1
UNDERVOLTAGE
DOUT
7
13
9
OVERVOLTAGE
3
2
+VS
R1
GND
+5V
DIN
R2
+5V COMPARATOR IS ACTUATED WHEN VS FALLS TO THE
COMPARATOR'S SPECIFIED TRIP LEVEL. THE AUXILIARY
COMPARATOR OUTPUT IS TRIPPED WHEN VS > (
R1 + R2) VREF
R2
Figure 4. Monitoring Supply Powering the MAX8215/MAX8216
with Undervoltage and Overvoltage Comparators



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com