Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8215C/D Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX8215C/D
Description  ±5V, ±12V (±15V) Dedicated Microprocessor Voltage Monitors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8215C/D Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX8215C/D Datasheet HTML 4Page - Maxim Integrated Products MAX8215C/D Datasheet HTML 5Page - Maxim Integrated Products MAX8215C/D Datasheet HTML 6Page - Maxim Integrated Products MAX8215C/D Datasheet HTML 7Page - Maxim Integrated Products MAX8215C/D Datasheet HTML 8Page - Maxim Integrated Products MAX8215C/D Datasheet HTML 9Page - Maxim Integrated Products MAX8215C/D Datasheet HTML 10Page - Maxim Integrated Products MAX8215C/D Datasheet HTML 11Page - Maxim Integrated Products MAX8215C/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
±5V, ±12V (±15V) Dedicated
Microprocessor Voltage Monitors
_______________________________________________________________________________________
9
absolute maximum ratings have no effect on the refer-
ence. Within the absolute maximum ratings, the DIN
input has no effect on the reference.
Power-Supply Bypassing and Grounding
In high-noise environments where the voltage connected
to VDD may change abruptly, the reference voltage may
“bounce,” causing false comparator outputs. Eliminate
this problem using Figure 8’s RC bypass network.
Although bypassing the reference may appear to help,
Figure 8’s solution is recommended; bypassing the ref-
erence reduces its voltage change, but doing so caus-
es a time delay prior to the reference voltage returning
to its correct level.
Eliminating Output Oscillation when
Using the Auxiliary Comparator
Although hysteresis is built into the auxiliary comparator,
output oscillation problems are still possible. Oscillation
can occur when a comparator’s output couples back to
its inverting input through stray board capacitance.
Make sure the board trace leading from the comparator
output does not pass near its inverting input (or vice
versa). Also, reducing the resistance connected to DIN
reduces its susceptibility to picking up output signals. In
most cases, using input resistor values on the order of
100k
Ω creates no problem. Since using lower resistor
values increases the supply current, another approach
is to bypass the input resistors as shown in Figure 9,
although this slows the circuit’s response. When much
larger valued input resistors are used, high valued resis-
tors on the output should be used.
When DOUT is required to sink larger currents (i.e.,
when smaller pull-up resistor values are used), oscilla-
tion problems are more likely to occur. To minimize
power consumption and to optimize stability, use the
largest value pull-up resistor feasible for the output
drive required. When lower pull-up resistor values are
used, lower values for the resistors connected to the
inputs can help alleviate oscillation problems.
MAX8215
MAX8216
14
VDD
8
PGND
0.1
µF
OUT1
DOUT
7
13
9
RESET
3
2
+VS
GND
+5V
DIN
+5V
680k
680k
1
µF
1k
Figure 7. Microprocessor Reset Circuit Monitoring Its Own
Supply Voltage
MAX8215
MAX8216
13
OUT1
14
VDD
V+
1k
0.1
µF
Figure 8. Alternate Bypass Scheme
MAX8215
MAX8216
9
DOUT
7
DIN
VIN
Figure 9. Alternative Means for Reducing Impedance Level
Seen at DIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com