Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8215C/D Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX8215C/D
Description  ±5V, ±12V (±15V) Dedicated Microprocessor Voltage Monitors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8215C/D Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX8215C/D Datasheet HTML 1Page - Maxim Integrated Products MAX8215C/D Datasheet HTML 2Page - Maxim Integrated Products MAX8215C/D Datasheet HTML 3Page - Maxim Integrated Products MAX8215C/D Datasheet HTML 4Page - Maxim Integrated Products MAX8215C/D Datasheet HTML 5Page - Maxim Integrated Products MAX8215C/D Datasheet HTML 6Page - Maxim Integrated Products MAX8215C/D Datasheet HTML 7Page - Maxim Integrated Products MAX8215C/D Datasheet HTML 8Page - Maxim Integrated Products MAX8215C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
±5V, ±12V (±15V) Dedicated
Microprocessor Voltage Monitors
_______________________________________________________________________________________
5
+5V RESPONSE WITH
±100mV INPUT EXCURSION AROUND TRIP LEVEL
+5V COMP
+5V PIN
OUT1
_____________________________Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
-5V RESPONSE WITH
±100mV INPUT EXCURSION AROUND TRIP LEVEL
-5V COMP
+5V PIN
OUT1
DOUT OUTPUT VOLTAGE vs. SUPPLY VOLTAGE
R1 = 15k
Ω, R2 = 40k (see Figure 4)
SUPPLY
VOLTAGE
DOUT
OUTPUT
VOLTAGE
DIN COMPARATOR RESPONSE
WITH 30mV OVERDRIVE
COMP
OUTPUT
COMP
INPUT
DIN COMPARATOR RESPONSE
WITH 50mV OVERDRIVE
COMP
OUTPUT
COMP
INPUT
DIN COMPARATOR RESPONSE
WITH 100mV OVERDRIVE
COMP
OUTPUT
COMP
INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com