Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8215C/D Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX8215C/D
Description  ±5V, ±12V (±15V) Dedicated Microprocessor Voltage Monitors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8215C/D Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX8215C/D Datasheet HTML 1Page - Maxim Integrated Products MAX8215C/D Datasheet HTML 2Page - Maxim Integrated Products MAX8215C/D Datasheet HTML 3Page - Maxim Integrated Products MAX8215C/D Datasheet HTML 4Page - Maxim Integrated Products MAX8215C/D Datasheet HTML 5Page - Maxim Integrated Products MAX8215C/D Datasheet HTML 6Page - Maxim Integrated Products MAX8215C/D Datasheet HTML 7Page - Maxim Integrated Products MAX8215C/D Datasheet HTML 8Page - Maxim Integrated Products MAX8215C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
±5V, ±12V (±15V) Dedicated
Microprocessor Voltage Monitors
4
_______________________________________________________________________________________
__________________________________________Typical Operating Characteristics
(TA=+25°C, unless otherwise noted.)
0
-60
COMPARATOR INPUT BIAS CURRENT
vs. TEMPERATURE
TEMPERATURE (C°)
-40 -20 0
20 40 60 80 100 120 140
0.5
1
1.5
2
2.5
3
3.5
4
VDD = 5V
0
2
COMPARATOR INPUT BIAS CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
2.5
3
3.5
4
4.5
5
TA = +25°C
0
0
OUTPUT VOLTAGE LOW
vs. OUTPUT SINK CURRENT
VOL (V)
2.0 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
0.5
5
1.5
10
20
25
30
35
2
TA = +25°C
TA = +125°C
TA = -55°C
2
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
34
5
789
10 11
125
12
130
135
140
145
150
155
TA = +125°C
6
TA = +25°C
TA = -55°C
-5V PIN = -5V
-12V PIN = -5V
+5V PIN = +5V
+12V PIN = +12V
1.23
0
REFERENCE VOLTAGE
vs. REFERENCE SOURCE CURRENT
REFERENCE SOURCE CURRENT (µA)
1.231
1.232
1.233
1.234
1.235
1.236
1.237
1.238
50
100
150
200
250
300
TA = +125°C
TA = -55°C
TA = +25°C
VDD = 5V
1
REFERENCE VOLTAGE
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
23
4
5
678
9
10
0.95
11
1
1.05
1.1
1.15
1.2
1.25
TA = -55°C
NOTE: -55
°C IS WORST CASE
CONDITION FOR REFERENCE
REGULATION AT LOW VOLTAGES.
-55
VREF OUTPUT VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
-35 -15
5
45
65 85 105 125
1.232
1.233
1.234
1.235
1.236
1.237
1.238
VDD = 5V
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com