Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8215C/D Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX8215C/D
Description  ±5V, ±12V (±15V) Dedicated Microprocessor Voltage Monitors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8215C/D Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX8215C/D Datasheet HTML 1Page - Maxim Integrated Products MAX8215C/D Datasheet HTML 2Page - Maxim Integrated Products MAX8215C/D Datasheet HTML 3Page - Maxim Integrated Products MAX8215C/D Datasheet HTML 4Page - Maxim Integrated Products MAX8215C/D Datasheet HTML 5Page - Maxim Integrated Products MAX8215C/D Datasheet HTML 6Page - Maxim Integrated Products MAX8215C/D Datasheet HTML 7Page - Maxim Integrated Products MAX8215C/D Datasheet HTML 8Page - Maxim Integrated Products MAX8215C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
_______________General Description
The MAX8215 contains five voltage comparators; four
are for monitoring +5V, -5V, +12V, and -12V, and the
fifth monitors any desired voltage. The MAX8216 is
identical, except it monitors ±15V supplies instead of
±12V. The resistors required to monitor these voltages
and provide comparator hysteresis are included on-
chip. All comparators have open-drain outputs. These
devices consume 250µA max supply current over tem-
perature.
________________________Applications
Microprocessor Voltage Monitor
+5V, -5V, +12V, -12V Supply Monitoring (MAX8215)
+5V, -5V, +15V, -15V Supply Monitoring (MAX8216)
Overvoltage/Undervoltage Detection with
Uncommitted Comparator
Industrial Controllers
Mobile Radios
Portable Instruments
Industrial Equipment
Data-Acquisition Systems
____________________________Features
♦ 4 Dedicated Comparators plus 1 Auxiliary
Comparator
♦ 5V Dedicated Comparator Has ±1.25% Accuracy
♦ -5V, +12V, -12V, +15V, -15V Dedicated
Comparators Have ±1.5% Accuracy
♦ Overvoltage/Undervoltage Detection or
Programmable Delay Using Auxiliary Comparator
♦ Internal 1.24V Reference with ±1% Initial Accuracy
♦ Wide Supply Range: 2.7V to 11V
♦ Built-In Hysteresis
♦ 250µA Max Supply Current Over Temp.
♦ Independent Open-Drain Outputs
♦ All Precision Components Included
______________Ordering Information
*Dice are tested at TA = +25°C.
Devices in PDIP and SO packages are available in both leaded
and lead-free packaging. Specify lead free by adding the +
symbol at the end of the part number when ordering. Lead free
not available for CERDIP package.
±5V, ±12V (±15V) Dedicated
Microprocessor Voltage Monitors
________________________________________________________________ Maxim Integrated Products
1
1
2
3
4
14
13
12
11
VDD
OUT1
OUT2
OUT3
-5V
+5V
GND
VREF
DIP/SO
TOP VIEW
MAX8215
MAX8216
5
6
7
10
9
8
OUT4
DOUT
PGND
DIN
-12V (-15V)
+12V (+15V)
( ) ARE FOR MAX8216 ONLY.
__________________Pin Configuration
+5V
OUT1
+5V
VDD
PGND
GND
0.1
µF
-5V
OUT2
OUT3
+12V (+15V)
OUT4
-12V (-15V)
DOUT
DIN
1.24V REFERENCE
VREF
( ) ARE FOR
MAX8216 ONLY.
MAX8215
MAX8216
__________Typical Operating Circuit
19-0169; Rev 1; 11/05
PART
TEMP RANGE
PIN-PACKAGE
MAX8215CPD
0°C to +70°C
14 Plastic DIP
MAX8215CSD
0°C to +70°C
14 SO
MAX8215C/D
0°C to +70°C
Dice*
MAX8215EPD
-40°C to +85°C
14 Plastic DIP
MAX8215ESD
-40°C to +85°C
14 SO
MAX8215EJD
-40°C to +85°C
14 CERDIP
MAX8215MPD
-55°C to +125°C
14 Plastic DIP
14 CERDIP
-55°C to +125°C
MAX8215MJD
Ordering Information continued on last page.
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - MAX8215C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8215C/D MAXIM-MAX8215C/D Datasheet
156Kb / 12P
짹5V, 짹12V (짹15V) Dedicated Microprocessor Voltage Monitors
Rev 0; 8/93
More results

Similar Description - MAX8215C/D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT5060 TI-PT5060 Datasheet
233Kb / 4P
5V to 12V/15V 9W DUAL OUTPUT INTEGRATED SWITCHING REGULATOR
logo
Maxim Integrated Produc...
MAX736 MAXIM-MAX736 Datasheet
541Kb / 12P
-5V,-12V,-15V, and Adjustable Inverting Current-Mode PWM Regulators
19-4749; Rev 3; 5/93
MAX8211 MAXIM-MAX8211 Datasheet
67Kb / 8P
Microprocessor Voltage Monitors with Programmable Voltage Detection
Rev 3; 1/95
MAX8213 MAXIM-MAX8213 Datasheet
606Kb / 16P
Five Universal Voltage Monitors - Complete Microprocessor Voltage Monitoring
Rev 1; 7/93
MAX8215 MAXIM-MAX8215 Datasheet
156Kb / 12P
짹5V, 짹12V (짹15V) Dedicated Microprocessor Voltage Monitors
Rev 0; 8/93
logo
Vishay Siliconix
GS809C VISHAY-GS809C Datasheet
45Kb / 6P
Microprocessor Reset Monitors
01-Nov-02
logo
Maxim Integrated Produc...
MAX8211 MAXIM-MAX8211_08 Datasheet
94Kb / 7P
Microprocessor Voltage Monitors with Programmable Voltage Detection
19-0539; Rev 5; 9/08
logo
List of Unclassifed Man...
WT7510 ETC2-WT7510 Datasheet
62Kb / 1P
The Over Voltage Detector (OVD) monitors 3.3V, 5V, 12V input voltage level
logo
Fitipower Integrated Te...
FP6811 FITIPOWER-FP6811 Datasheet
581Kb / 12P
Microprocessor Voltage Monitors with Manual Reset
logo
Wurth Elektronik GmbH &...
1769205X2 WURTH-1769205X2 Datasheet
1Mb / 37P
3.3V ??12V / 1W / 2kV functional isolated unregulated 5V / 12V / 15V Output
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com