Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXK7L Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # AXK7L
Description  NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXK7L Datasheet(HTML) 4 Page - Panasonic Semiconductor

  AXK7L Datasheet HTML 1Page - Panasonic Semiconductor AXK7L Datasheet HTML 2Page - Panasonic Semiconductor AXK7L Datasheet HTML 3Page - Panasonic Semiconductor AXK7L Datasheet HTML 4Page - Panasonic Semiconductor AXK7L Datasheet HTML 5Page - Panasonic Semiconductor AXK7L Datasheet HTML 6Page - Panasonic Semiconductor AXK7L Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AXK7L, 8L
2. Material and surface treatment
Note: The following change will apply to production from December 2009 onwards.
Socket: Ni plating on base, Pd + Au flash plating on surface (Expect for front edge of terminal)
Header: Ni plating on base, Au plating on surface (Expect for front edge of terminal)
DIMENSIONS (unit: mm)
Part name
Material
Surface treatment
Molded portion
LCP resin (UL94V-0)
—
Contact/Post
Copper alloy
Contact portion: Ni plating on base, Au plating on surface
Terminal portion: Ni plating on base, Au plating on surface (Except for front edge of terminal)
However, the area adjacent to the socket terminal is exposed to Ni on base.
Metal clips Note): Ni plating on base, Sn plating on surface
(Socket: except for front edge of the terminal)
The CAD data of the products with a
CAD Data
mark can be downloaded from: http://panasonic-electric-works.net/ac
• Socket (Mated height 0.9 mm)
General tolerance:
±0.2
0.87
0.40
±0.05
0.15
±0.03
Soldering
terminal
F-F cross section
A
C
±0.15
B
±0.1
This surface
C0.15
0.40
±0.05
0.10
±0.03
(Contact and clips
(soldering terminal))
Terminal coplanarity
0.08
F
F
Dimension table (mm)
Number of contacts/
Dimensions
A
B
C
10
4.4
1.6
3.0
12
4.8
2.0
3.4
14
5.2
2.4
3.8
16
5.6
2.8
4.2
20
6.4
3.6
5.0
22
6.8
4.0
5.4
24
7.2
4.4
5.8
26
7.6
4.8
6.2
28
8.0
5.2
6.6
30
8.4
5.6
7.0
32
8.8
6.0
7.4
34
9.2
6.4
7.8
36
9.6
6.8
8.2
38
10.0
7.2
8.6
40
10.4
7.6
9.0
44
11.2
8.4
9.8
48
12.0
9.2
10.6
50
12.4
9.6
11.0
54
13.2
10.4
11.8
60
14.4
11.6
13.0
66
15.6
12.8
14.2
70
16.4
13.6
15.0
80
18.4
15.6
17.0
CAD Data
• Header (Mated height: 0.9 mm)
General tolerance:
±0.2
Terminal coplanarity
(Contact and
soldering terminal)
0.08
0.63
0.08
±0.03
Soldering
terminal
0.27
A
B
C
±0.1
0.40
±0.05
0.15
±0.03
Clips (soldering terminals)
Dimension table (mm)
Number of contacts/
Dimensions
A
B
C
10
4.0
3.74
1.6
12
4.4
4.14
2.0
14
4.8
4.54
2.4
16
5.2
4.94
2.8
20
6.0
5.74
3.6
22
6.4
6.14
4.0
24
6.8
6.54
4.4
26
7.2
6.94
4.8
28
7.6
7.34
5.2
30
8.0
7.74
5.6
32
8.4
8.14
6.0
34
8.8
8.54
6.4
36
9.2
8.94
6.8
38
9.6
9.34
7.2
40
10.0
9.74
7.6
44
10.8
10.54
8.4
48
11.6
11.34
9.2
50
12.0
11.74
9.6
54
12.8
12.54
10.4
60
14.0
13.74
11.6
66
15.2
14.94
12.8
70
16.0
15.74
13.6
80
18.0
17.74
15.6
CAD Data
panasonic-electric-works.net/ac



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com