Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXK7L Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # AXK7L
Description  NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXK7L Datasheet(HTML) 2 Page - Panasonic Semiconductor

  AXK7L Datasheet HTML 1Page - Panasonic Semiconductor AXK7L Datasheet HTML 2Page - Panasonic Semiconductor AXK7L Datasheet HTML 3Page - Panasonic Semiconductor AXK7L Datasheet HTML 4Page - Panasonic Semiconductor AXK7L Datasheet HTML 5Page - Panasonic Semiconductor AXK7L Datasheet HTML 6Page - Panasonic Semiconductor AXK7L Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AXK7L, 8L
ORDERING INFORMATION
Mated height
<Socket>
2: For mated height 0.9 mm
<Header>
1: For mated height 0.9 mm
Surface treatment (Contact portion / Terminal portion)
Note 2
<Socket>
7: Ni plating on base, Au plating on surface (for Ni barrier available)
<Header>
5: Ni plating on base, Au plating on surface
Other specifications
<Header>
B: Soldering terminals with fork type terminal
Note 1
Number of contacts (2 digits)
Packing
G: 3,000 pieces embossed tape and plastic reel
× 2
Notes: 1. “B” in the 11th digit of the header part number signifies a fork type soldering terminals to lessen the constraint on amount of solder when mounting,
and a construction that makes it difficult when mounting for excess solder to interfere with the socket.
Although compatible with the previous parts, these parts are not compatible with the recommended PC board pattern and recommended metal mask pattern.
2. The part number will be changed as follows due to the change in the plating specifications for the metal clips.
This change will apply to production from December 2009 onwards. (There will be no change to the contact portion and terminal portion.)
(Socket)
3: Ni plating on base, Au plating on surface (for Ni barrier available)
(Header)
4: Ni plating on base, Au plating on surface
AXK: Narrow Pitch Connector Series
Series name;
7L: F4 (0.4 mm pitch) Socket
8L: F4 (0.4 mm pitch) Header
Functions
2: Without positioning bosses
AXK
G
panasonic-electric-works.net/ac



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com