Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXK7L Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # AXK7L
Description  NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXK7L Datasheet(HTML) 5 Page - Panasonic Semiconductor

  AXK7L Datasheet HTML 1Page - Panasonic Semiconductor AXK7L Datasheet HTML 2Page - Panasonic Semiconductor AXK7L Datasheet HTML 3Page - Panasonic Semiconductor AXK7L Datasheet HTML 4Page - Panasonic Semiconductor AXK7L Datasheet HTML 5Page - Panasonic Semiconductor AXK7L Datasheet HTML 6Page - Panasonic Semiconductor AXK7L Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AXK7L, 8L
• Socket and header are mated
EMBOSSED TAPE DIMENSIONS (unit: mm) (Common for respective contact type, socket and header)
TABLE OF DIMENSIONS
Connector orientation with respect to direction of progress of embossed tape
Mated height
Number of contacts
Type of taping
A
B
C
D
Quantity per reel
Common for
socket and header:
0.9mm
Max. 24
Tape I
16.0
—
7.5
17.4
3000
26 to 70
Tape I
24.0
—
11.5
25.4
3000
80
Tape II
32.0
28.4
14.2
33.4
3000
Socket
Header
Tape dimensions (Conforming to JIS C 0806-1990. However,
some tapes have mounting hole pitches that do not comply with
the standard.)
Tape I
Tape II
1.75
C
8.0
A
±0.3
4
2
1.5
dia.
+0.1
0
1.75
C
8.0
A
±0.3
4
2
B
1.5
dia.
+0.1
0
Plastic reel dimensions (Conforming to EIAJ ET–7200B)
Top cover tape
Taping reel
Embossed carrier tape
Embossed mounting-hole
D
±1
Type
Direction of
tape progress
Common for F4
Socket
Header
Note: There is no indication on this product regarding top-bottom or left-right orientation.
panasonic-electric-works.net/ac



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com