Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXK7L Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # AXK7L
Description  NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXK7L Datasheet(HTML) 6 Page - Panasonic Semiconductor

  AXK7L Datasheet HTML 1Page - Panasonic Semiconductor AXK7L Datasheet HTML 2Page - Panasonic Semiconductor AXK7L Datasheet HTML 3Page - Panasonic Semiconductor AXK7L Datasheet HTML 4Page - Panasonic Semiconductor AXK7L Datasheet HTML 5Page - Panasonic Semiconductor AXK7L Datasheet HTML 6Page - Panasonic Semiconductor AXK7L Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
AXK7L, 8L
TABLE OF PRODUT TYPES
✩: Available for sale
Notes: 1. Please inquire about numbers of contacts other than those given above.
2. Please inquire with us regarding delivery times.
3. Please keep the minimum unit for ordering no less than 50 pieces per lot.
4. Please inquire for further information.
PRODUCT TYPES
Notes: 1. When placing an order, substitute the “
∗” (asterisk) in the above part number with the number of contacts for the required connector.
2. The above part numbers are for connectors without positioning bosses, which are standard. When ordering connectors with positioning bosses, please contact our
sales office.
CONNECTOR FOR INSPECTION
USAGE APPLICATIONS WITH
3,000 INSERTION AND
REMOVAL TIMES
NARROW PITCH CONNECTOR F4
(0.4 mm PITCHES)
FOR INSPECTION USAGE
Product name
Number of contacts
F4
for inspection
10
12
14
16
20
22
24
26
28
30
32
34
36
38
40
44
48
50
54
60
66
70
80
✩
✩✩
✩✩
✩✩
✩✩
✩✩
✩✩
✩✩
✩✩
✩✩
✩✩
✩✩
Specifications
Part No.
Specifications
Part No.
Socket
Without positioning bosses
AXK7LE
∗∗26G
Header
Without positioning bosses
AXK8LE
∗∗26BG
FEATURES
1. 3,000 insertion and removals (when
as recommended)
2. Same external dimensions and foot
pattern as standard type.
3. Improved mating
Insertion and removal have become
easier due to a reduction in the mating
retention force required by the simple
locking structure and also in the amount
of force needed for insertion and
removal. (We cannot warrant anything
regarding mating retention.)
APPLICATIONS
Ideal for module unit inspection and
equipment assembly inspection
Socket
Header
Compliance with RoHS Directive
panasonic-electric-works.net/ac



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com