Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXK7L Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # AXK7L
Description  NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXK7L Datasheet(HTML) 7 Page - Panasonic Semiconductor

  AXK7L Datasheet HTML 1Page - Panasonic Semiconductor AXK7L Datasheet HTML 2Page - Panasonic Semiconductor AXK7L Datasheet HTML 3Page - Panasonic Semiconductor AXK7L Datasheet HTML 4Page - Panasonic Semiconductor AXK7L Datasheet HTML 5Page - Panasonic Semiconductor AXK7L Datasheet HTML 6Page - Panasonic Semiconductor AXK7L Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
AXK7L, 8L
NOTES
1. Removal by pulling up from an end
causes the entire connector removal
force to concentrate on the soldering
terminals and end terminals.
Therefore, please lift and remove from
the side. Doing so will also prevent
cracking of the soldered parts.
2. PC Boards and Recommended
Metal Mask Patterns
Connectors are mounted with high
density, with a pitch interval of 0.4 to 0.5
mm.
In order to reduce solder bridge and
other issues make sure the proper levels
of solder are used.
The figures to the right are recommended
metal mask patterns. Please use them as
a reference.
Socket
Recommended PC board pattern
(Mount pad arrangement pattern)
Recommended metal mask pattern
Metal mask thickness: Here, 150
µm
(Terminal portion opening area ratio: 53 %)
(Metal portion opening area ratio: 100 %)
Recommended metal mask pattern
Metal mask thickness: Here, 120
µm
(Terminal portion opening area ratio: 66 %)
(Metal portion opening area ratio: 100 %)
Header
Recommended PC board pattern
(Mount pad arrangement pattern)
Relation between connector and mounting pad
Recommended metal mask pattern
Metal mask thickness: Here, 150
µm
(Terminal portion opening area ratio: 52 %)
(Metal portion opening area ratio: 80 %)
Recommended metal mask pattern
Metal mask thickness: Here, 120
µm
(Terminal portion opening area ratio: 66 %)
(Metal portion opening area ratio: 100 %)
In particular, if a lot of solder is
used in the header retaining
soldering terminals, it might
interfere with and cause incomplete
socket mating. Therefore, please
follow the recommended
conditions give on the right.
Pull
NG
1.40
±0.03
0.23
±0.03
0.40
±0.03
1.00
±0.03
0.40
±0.01
0.20
±0.01
1.00
±0.01
1.40
±0.01
0.20
±0.01
0.40
±0.01
1.00
±0.01
1.40
±0.01
: Insulation area
1.40
±0.03
0.40
±0.03
0.23
±0.03
0.57
±0.03
Mounting pad
: Insulation area
(3.20
±0.03)
(4.70
±0.03)
(Max. 2.20)
0.40
±0.01
0.20
±0.01
1.40
±0.01
0.46
±0.01
0.40
±0.01
0.20
±0.01
1.40
±0.01
0.57
±0.01
For other details, please verify with
the product specification sheets.
panasonic-electric-works.net/ac



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com