Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2T45DC Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74LVC2T45DC
Description  Dual supply translating transceiver; 3-state
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2T45DC Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74LVC2T45DC Datasheet HTML 4Page - NXP Semiconductors 74LVC2T45DC Datasheet HTML 5Page - NXP Semiconductors 74LVC2T45DC Datasheet HTML 6Page - NXP Semiconductors 74LVC2T45DC Datasheet HTML 7Page - NXP Semiconductors 74LVC2T45DC Datasheet HTML 8Page - NXP Semiconductors 74LVC2T45DC Datasheet HTML 9Page - NXP Semiconductors 74LVC2T45DC Datasheet HTML 10Page - NXP Semiconductors 74LVC2T45DC Datasheet HTML 11Page - NXP Semiconductors 74LVC2T45DC Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
74LVC_LVCH2T45
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 4 — 20 August 2010
8 of 36
NXP Semiconductors
74LVC2T45; 74LVCH2T45
Dual supply translating transceiver; 3-state
VOL
LOW-level
output voltage
VI = VIL
[2]
IO = 100 μA;
VCCO = 1.2 V to 4.5 V
-
0.1
-
0.1
V
IO = 6 mA; VCCO = 1.4 V
-
0.3
-
0.3
V
IO = 8 mA; VCCO = 1.65 V
-
0.45
-
0.45
V
IO = 12 mA; VCCO = 2.3 V
-
0.3
-
0.3
V
IO = 24 mA; VCCO = 3.0 V
-
0.55
-
0.55
V
IO = 32 mA; VCCO = 4.5 V
-
0.55
-
0.55
V
II
input leakage
current
DIR input; VI = 0 V to 5.5 V;
VCCI = 1.2 V to 5.5 V
-
±2-
±10
μA
IBHL
bus hold LOW
current
A or B port
[1]
VI = 0.49 V; VCCI =1.4 V
15
-
10
-
μA
VI = 0.58 V; VCCI =1.65 V
25
-
20
-
μA
VI = 0.70 V; VCCI =2.3 V
45
-
45
-
μA
VI = 0.80 V; VCCI =3.0 V
100
-
80
-
μA
VI = 1.35 V; VCCI =4.5 V
100
-
100
-
μA
IBHH
bus hold HIGH
current
A or B port
[1]
VI = 0.91 V; VCCI =1.4 V
−15
-
−10
-
μA
VI = 1.07 V; VCCI =1.65 V
−25
-
−20
-
μA
VI = 1.60 V; VCCI =2.3 V
−45
-
−45
-
μA
VI = 2.00 V; VCCI =3.0 V
−100
-
−80
-
μA
VI = 3.15 V; VCCI =4.5 V
−100
-
−100
-
μA
IBHLO
bus hold LOW
overdrive
current
A or B port
[1][3]
VCCI = 1.6 V
125
-
125
-
μA
VCCI = 1.95 V
200
-
200
-
μA
VCCI = 2.7 V
300
-
300
-
μA
VCCI = 3.6 V
500
-
500
-
μA
VCCI = 5.5 V
900
-
900
-
μA
IBHHO
bus hold HIGH
overdrive
current
A or B port
[1][3]
VCCI = 1.6 V
−125
-
−125
-
μA
VCCI = 1.95 V
−200
-
−200
-
μA
VCCI = 2.7 V
−300
-
−300
-
μA
VCCI = 3.6 V
−500
-
−500
-
μA
VCCI = 5.5 V
−900
-
−900
-
μA
IOZ
OFF-state
output current
A or B port; VO =0V orVCCO;
VCCO = 1.2 V to 5.5 V
[2]
-
±2-
±10
μA
Table 8.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C
Unit
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com