Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2T45DC Datasheet(PDF) 24 Page - NXP Semiconductors

Part # 74LVC2T45DC
Description  Dual supply translating transceiver; 3-state
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2T45DC Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button 74LVC2T45DC Datasheet HTML 20Page - NXP Semiconductors 74LVC2T45DC Datasheet HTML 21Page - NXP Semiconductors 74LVC2T45DC Datasheet HTML 22Page - NXP Semiconductors 74LVC2T45DC Datasheet HTML 23Page - NXP Semiconductors 74LVC2T45DC Datasheet HTML 24Page - NXP Semiconductors 74LVC2T45DC Datasheet HTML 25Page - NXP Semiconductors 74LVC2T45DC Datasheet HTML 26Page - NXP Semiconductors 74LVC2T45DC Datasheet HTML 27Page - NXP Semiconductors 74LVC2T45DC Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
74LVC_LVCH2T45
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 4 — 20 August 2010
24 of 36
NXP Semiconductors
74LVC2T45; 74LVCH2T45
Dual supply translating transceiver; 3-state
Table 17 gives a sequence that will illustrate data transmission from system-1 to system-2
and then from system-2 to system-1.
[1]
H = HIGH voltage level;
L = LOW voltage level;
Z = high-impedance OFF-state.
14.3 Power-up considerations
The device is designed such that no special power-up sequence is required other than
GND being applied first.
Pull-up or pull-down only needed for 74LVC2T45.
Fig 17. Bidirectional logic level-shifting application
001aai932
PULL-UP/DOWN
system-1
VCC(A)
1A
2A
GND
1
2
3
4
8
7
6
5
VCC(B)
1B
2B
DIR
74LVC2T45
74LVCH2T45
PULL-UP/DOWN
I/O-1
DIR CTRL
VCC1
I/O-2
DIR CTRL
VCC2
VCC1
VCC2
system-2
Table 17.
Description of bidirectional logic level-shifting application[1]
State
DIR CTRL
I/O-1
I/O-2
Description
1
H
output
input
system-1 data to system-2
2
H
Z
Z
system-2 is getting ready to send data to system-1. I/O-1 and I/O-2
are disabled. The bus-line state depends on bus hold
3
L
Z
Z
DIR bit is set LOW. I/O-1 and I/O-2 still are disabled. The bus-line
state depends on bus hold
4
L
input
output
system-2 data to system-1
Table 18.
Typical total supply current (ICC(A) + ICC(B))
VCC(A)
VCC(B)
Unit
0 V
1.8 V
2.5 V
3.3 V
5.0 V
0 V
0
< 1< 1< 1
< 1
μA
1.8 V
< 1
< 2
< 2
< 2
2
μA
2.5 V
< 1
< 2
< 2
< 2
< 2
μA
3.3 V
< 1
< 2
< 2
< 2
< 2
μA
5.0 V
< 1
2
< 2
< 2
< 2
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com