Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2T45DC Datasheet(PDF) 23 Page - NXP Semiconductors

Part # 74LVC2T45DC
Description  Dual supply translating transceiver; 3-state
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2T45DC Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button 74LVC2T45DC Datasheet HTML 19Page - NXP Semiconductors 74LVC2T45DC Datasheet HTML 20Page - NXP Semiconductors 74LVC2T45DC Datasheet HTML 21Page - NXP Semiconductors 74LVC2T45DC Datasheet HTML 22Page - NXP Semiconductors 74LVC2T45DC Datasheet HTML 23Page - NXP Semiconductors 74LVC2T45DC Datasheet HTML 24Page - NXP Semiconductors 74LVC2T45DC Datasheet HTML 25Page - NXP Semiconductors 74LVC2T45DC Datasheet HTML 26Page - NXP Semiconductors 74LVC2T45DC Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
74LVC_LVCH2T45
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 4 — 20 August 2010
23 of 36
NXP Semiconductors
74LVC2T45; 74LVCH2T45
Dual supply translating transceiver; 3-state
14. Application information
14.1 Unidirectional logic level-shifting application
The circuit given in Figure 16 is an example of the 74LVC2T45; 74LVCH2T45 being used
in an unidirectional logic level-shifting application.
14.2 Bidirectional logic level-shifting application
Figure 17 shows the 74LVC2T45; 74LVCH2T45 being used in a bidirectional logic
level-shifting application. Since the device does not have an output enable pin, the system
designer should take precautions to avoid bus contention between system-1 and
system-2 when changing directions.
Fig 16. Unidirectional logic level-shifting application
001aai931
system-1
VCC(A)
1A
2A
GND
1
2
3
4
8
7
6
5
VCC(B)
1B
2B
DIR
74LVC2T45
74LVCH2T45
VCC1
VCC1
VCC2
VCC2
VCC1
VCC2
system-2
Table 16.
Description of unidirectional logic level-shifting application
Pin
Name
Function
Description
1VCC(A)
VCC1
supply voltage of system-1 (1.2 V to 5.5 V)
2
1A
OUT
output level depends on VCC1 voltage
3
2A
OUT
output level depends on VCC1 voltage
4GND
GND
device GND
5
DIR
DIR
the GND (LOW level) determines B port to A port direction
6
2B
IN
input threshold value depends on VCC2 voltage
7
1B
IN
input threshold value depends on VCC2 voltage
8VCC(B)
VCC2
supply voltage of system-2 (1.2 V to 5.5 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com