Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2T45DC Datasheet(PDF) 12 Page - NXP Semiconductors

Part # 74LVC2T45DC
Description  Dual supply translating transceiver; 3-state
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2T45DC Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button 74LVC2T45DC Datasheet HTML 8Page - NXP Semiconductors 74LVC2T45DC Datasheet HTML 9Page - NXP Semiconductors 74LVC2T45DC Datasheet HTML 10Page - NXP Semiconductors 74LVC2T45DC Datasheet HTML 11Page - NXP Semiconductors 74LVC2T45DC Datasheet HTML 12Page - NXP Semiconductors 74LVC2T45DC Datasheet HTML 13Page - NXP Semiconductors 74LVC2T45DC Datasheet HTML 14Page - NXP Semiconductors 74LVC2T45DC Datasheet HTML 15Page - NXP Semiconductors 74LVC2T45DC Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
74LVC_LVCH2T45
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 4 — 20 August 2010
12 of 36
NXP Semiconductors
74LVC2T45; 74LVCH2T45
Dual supply translating transceiver; 3-state
tPZH
OFF-statetoHIGH
propagation delay
DIR to A
[1]
-
35.2
-
33.7
-
25.2
-
23.9
-
22.2
ns
DIR to B
[1]
-
29.6
-
28.2
-
19.8
-
17.7
-
17.3
ns
tPZL
OFF-state to LOW
propagation delay
DIR to A
[1]
-
39.4
-
36.2
-
24.4
-
22.9
-
20.4
ns
DIR to B
[1]
-
34.4
-
31.4
-
25.6
-
24.2
-
24.1
ns
VCC(A) = 2.3 V to 2.7 V
tPLH
LOW to HIGH
propagation delay
A to B
2.3
17.9
2.3
16.0
1.5
8.5
1.3
6.2
1.1
4.8
ns
B to A
2.0
13.5
2.2
9.3
1.5
8.5
1.4
8.0
1.0
7.5
ns
tPHL
HIGH to LOW
propagation delay
A to B
2.3
15.8
2.1
12.9
1.4
7.5
1.3
5.4
0.9
4.6
ns
B to A
1.8
11.8
1.9
8.5
1.4
7.5
1.3
7.0
0.9
6.2
ns
tPHZ
HIGH to OFF-state
propagation delay
DIR to A
2.1
8.1
2.1
8.1
2.1
8.1
2.1
8.1
2.1
8.1
ns
DIR to B
3.0
22.5
3.0
21.4
2.5
11.0
2.8
9.3
2.3
6.9
ns
tPLZ
LOW to OFF-state
propagation delay
DIR to A
1.7
5.8
1.7
5.8
1.7
5.8
1.7
5.8
1.7
5.8
ns
DIR to B
2.3
14.6
2.5
13.2
2.0
9.0
2.5
8.4
1.8
5.8
ns
tPZH
OFF-statetoHIGH
propagation delay
DIR to A
[1]
-
28.1
-
22.5
-
17.5
-
16.4
-
13.3
ns
DIR to B
[1]
-
23.7
-
21.8
-
14.3
-
12.0
-
10.6
ns
tPZL
OFF-state to LOW
propagation delay
DIR to A
[1]
-
34.3
-
29.9
-
18.5
-
16.3
-
13.1
ns
DIR to B
[1]
-
23.9
-
21.0
-
15.6
-
13.5
-
12.7
ns
VCC(A) = 3.0V to 3.6V
tPLH
LOW to HIGH
propagation delay
A to B
2.3
17.1
2.1
15.5
1.4
8.0
0.8
5.6
0.7
4.4
ns
B to A
1.7
11.8
1.7
7.2
1.3
6.2
0.7
5.6
0.6
5.4
ns
tPHL
HIGH to LOW
propagation delay
A to B
2.2
15.6
2.0
12.6
1.3
7.0
0.8
5.0
0.7
4.0
ns
B to A
1.7
10.9
1.8
7.1
1.3
5.4
0.8
5.0
0.7
4.5
ns
tPHZ
HIGH to OFF-state
propagation delay
DIR to A
2.3
7.3
2.3
7.3
2.3
7.3
2.3
7.3
2.7
7.3
ns
DIR to B
2.9
18.0
2.9
16.5
2.3
10.1
2.7
8.6
2.2
6.3
ns
tPLZ
LOW to OFF-state
propagation delay
DIR to A
2.0
5.6
2.0
5.6
2.0
5.6
2.0
5.6
2.0
5.6
ns
DIR to B
2.3
13.6
2.4
12.5
1.9
7.8
2.3
7.1
1.7
4.9
ns
tPZH
OFF-statetoHIGH
propagation delay
DIR to A
[1]
-
25.4
-
19.7
-
14.0
-
12.7
-
10.3
ns
DIR to B
[1]
-
22.7
-
21.1
-
13.6
-
11.2
-
10.0
ns
tPZL
OFF-state to LOW
propagation delay
DIR to A
[1]
-
28.9
-
23.6
-
15.5
-
13.6
-
10.8
ns
DIR to B
[1]
-
22.9
-
19.9
-
14.3
-
12.3
-
11.3
ns
VCC(A) = 4.5V to 5.5V
tPLH
LOW to HIGH
propagation delay
A to B
2.2
16.6
1.9
15.1
1.0
7.5
0.7
5.4
0.5
3.9
ns
B to A
1.6
10.5
1.4
6.8
1.0
4.8
0.7
4.4
0.5
3.9
ns
tPHL
HIGH to LOW
propagation delay
A to B
2.3
15.3
1.8
12.2
1.0
6.2
0.7
4.5
0.5
3.5
ns
B to A
1.7
10.8
1.7
7.0
0.9
4.6
0.7
4.0
0.5
3.5
ns
tPHZ
HIGH to OFF-state
propagation delay
DIR to A
1.7
5.4
1.7
5.4
1.7
5.4
1.7
5.4
1.7
5.4
ns
DIR to B
2.9
17.3
2.9
16.1
2.3
9.7
2.7
8.0
2.5
5.7
ns
Table 12.
Dynamic characteristics for temperature range
−40 °C to +85 °C …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 9; for wave forms see Figure 7 and Figure 8.
Symbol Parameter
Conditions
VCC(B)
Unit
1.5 V
± 0.1 V 1.8 V ± 0.15 V 2.5 V ± 0.2 V 3.3 V ± 0.3 V 5.0 V ± 0.5 V
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com