Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2T45DC Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74LVC2T45DC
Description  Dual supply translating transceiver; 3-state
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2T45DC Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74LVC2T45DC Datasheet HTML 6Page - NXP Semiconductors 74LVC2T45DC Datasheet HTML 7Page - NXP Semiconductors 74LVC2T45DC Datasheet HTML 8Page - NXP Semiconductors 74LVC2T45DC Datasheet HTML 9Page - NXP Semiconductors 74LVC2T45DC Datasheet HTML 10Page - NXP Semiconductors 74LVC2T45DC Datasheet HTML 11Page - NXP Semiconductors 74LVC2T45DC Datasheet HTML 12Page - NXP Semiconductors 74LVC2T45DC Datasheet HTML 13Page - NXP Semiconductors 74LVC2T45DC Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
74LVC_LVCH2T45
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 4 — 20 August 2010
10 of 36
NXP Semiconductors
74LVC2T45; 74LVCH2T45
Dual supply translating transceiver; 3-state
11. Dynamic characteristics
[1]
tPZH and tPZL are calculated values using the formula shown in Section 14.4 “Enable times”.
[1]
tPZH and tPZL are calculated values using the formula shown in Section 14.4 “Enable times”.
Table 9.
Typical dynamic characteristics at VCC(A) = 1.2 V and Tamb = 25 °C
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 9; for waveforms see Figure 7 and Figure 8.
Symbol Parameter
Conditions
VCC(B)
Unit
1.2 V
1.5 V
1.8 V
2.5 V
3.3 V
5.0 V
tPLH
LOW to HIGH
propagation delay
A to B
10.6
8.1
7.0
5.8
5.3
5.1
ns
B to A
10.6
9.5
9.0
8.5
8.3
8.2
ns
tPHL
HIGH to LOW
propagation delay
A to B
10.1
7.1
6.0
5.3
5.2
5.4
ns
B to A
10.1
8.6
8.1
7.8
7.6
7.6
ns
tPHZ
HIGH to OFF-state
propagation delay
DIR to A
9.49.4
9.49.4
9.4
9.4
ns
DIR to B
12.0
9.4
9.0
7.8
8.4
7.9
ns
tPLZ
LOW to OFF-state
propagation delay
DIR to A
7.17.1
7.17.1
7.1
7.1
ns
DIR to B
9.57.8
7.76.9
7.6
7.0
ns
tPZH
OFF-state to HIGH
propagation delay
DIR to A
[1]
20.1
17.3
16.7
15.4
15.9
15.2
ns
DIR to B
[1]
17.7
15.2
14.1
12.9
12.4
12.2
ns
tPZL
OFF-state to LOW
propagation delay
DIR to A
[1]
22.1
18.0
17.1
15.6
16.0
15.5
ns
DIR to B
[1]
19.5
16.5
15.4
14.7
14.6
14.8
ns
Table 10.
Typical dynamic characteristics at VCC(B) = 1.2 V and Tamb = 25 °C
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 9; for waveforms see Figure 7 and Figure 8.
Symbol Parameter
Conditions
VCC(A)
Unit
1.2 V
1.5 V
1.8 V
2.5 V
3.3 V
5.0 V
tPLH
LOW to HIGH
propagation delay
A to B
10.6
9.5
9.0
8.5
8.3
8.2
ns
B to A
10.6
8.1
7.0
5.8
5.3
5.1
ns
tPHL
HIGH to LOW
propagation delay
A to B
10.1
8.6
8.1
7.8
7.6
7.6
ns
B to A
10.1
7.1
6.0
5.3
5.2
5.4
ns
tPHZ
HIGH to OFF-state
propagation delay
DIR to A
9.46.5
5.74.1
4.1
3.0
ns
DIR to B
12.0
6.1
5.4
4.6
4.3
4.0
ns
tPLZ
LOW to OFF-state
propagation delay
DIR to A
7.14.9
4.53.2
3.4
2.5
ns
DIR to B
9.57.3
6.65.9
5.7
5.6
ns
tPZH
OFF-state to HIGH
propagation delay
DIR to A
[1]
20.1
15.4
13.6
11.7
11.0
10.7
ns
DIR to B
[1]
17.7
14.4
13.5
11.7
11.7
10.7
ns
tPZL
OFF-state to LOW
propagation delay
DIR to A
[1]
22.1
13.2
11.4
9.9
9.5
9.4
ns
DIR to B
[1]
19.5
15.1
13.8
11.9
11.7
10.6
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com