Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8532 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # PCF8532
Description  Universal LCD driver for low multiplex rates
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8532 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button PCF8532 Datasheet HTML 23Page - NXP Semiconductors PCF8532 Datasheet HTML 24Page - NXP Semiconductors PCF8532 Datasheet HTML 25Page - NXP Semiconductors PCF8532 Datasheet HTML 26Page - NXP Semiconductors PCF8532 Datasheet HTML 27Page - NXP Semiconductors PCF8532 Datasheet HTML 28Page - NXP Semiconductors PCF8532 Datasheet HTML 29Page - NXP Semiconductors PCF8532 Datasheet HTML 30Page - NXP Semiconductors PCF8532 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
PCF8532_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 1 — 10 February 2009
27 of 44
NXP Semiconductors
PCF8532
Universal LCD driver for low multiplex rates
9.
Limiting values
[1]
Stresses above these values listed may cause permanent damage to the device.
[2]
According to the NXP store and transport conditions (document
SNW-SQ-623) the devices have to be
stored at a temperature of +5
°C to +45 °C and a humidity of 25 % to 75 %.
[3]
Pass level; Human Body Model (HBM) according to JESD22-A114.
[4]
Pass level; Machine Model (MM), according to JESD22-A115.
[5]
Pass level; Latch-up testing, according to JESD78.
CAUTION
Static voltages across the liquid crystal display can build up when the LCD supply voltage
(VLCD) is on while the IC supply voltage (VDD) is off, or vice versa. This may cause unwanted
display artifacts. To avoid such artifacts, VLCD and VDD must be applied or removed together.
Table 16.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).[1]
Symbol Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
−0.5
+6.5
V
IDD
supply current
−50
+50
mA
VLCD
LCD supply voltage
−0.5
+9.0
V
IDD(LCD) LCD supply current
−50
+50
mA
VI
input voltage
on pins CLK, SYNC,
SA0, OSC, SDA, SCL
and A0, A1, T1, T2, T3
−0.5
+6.5
V
II
input current
−10
+10
mA
VO
output voltage
on pins S0 to S159 and
BP0 to BP3
−0.5
+7.5
V
on pins SDAACK,
CLK, SYNC
−0.5
+6.5
V
IO
output current
−10
+10
mA
ISS
ground supply current
−50
+50
mA
Ptot
total power dissipation
-
400
mW
P/out
power dissipation per output
-
100
mW
Tstg
storage temperature
[2]
−65
+150
°C
Vesd
electrostatic discharge
voltage
HBM
[3]
-
±4500
V
MM
[4]
-
±250
V
Ilu
latch-up current
[5]
-
200
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com