Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8532 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # PCF8532
Description  Universal LCD driver for low multiplex rates
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8532 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button PCF8532 Datasheet HTML 36Page - NXP Semiconductors PCF8532 Datasheet HTML 37Page - NXP Semiconductors PCF8532 Datasheet HTML 38Page - NXP Semiconductors PCF8532 Datasheet HTML 39Page - NXP Semiconductors PCF8532 Datasheet HTML 40Page - NXP Semiconductors PCF8532 Datasheet HTML 41Page - NXP Semiconductors PCF8532 Datasheet HTML 42Page - NXP Semiconductors PCF8532 Datasheet HTML 43Page - NXP Semiconductors PCF8532 Datasheet HTML 44Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 40 / 44 page
background image
PCF8532_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 1 — 10 February 2009
40 of 44
NXP Semiconductors
PCF8532
Universal LCD driver for low multiplex rates
14. Packing information
Table 23.
Tray dimensions (see Figure 26)
Symbol
Description
Value
A
pocket pitch in x direction
8.8 mm
B
pocket pitch in y direction
3.6 mm
C
pocket width in x direction
6.65 mm
D
pocket width in y direction
1.31 mm
E
tray width in x direction
50.8 mm
F
tray width in y direction
50.8 mm
x
number of pockets, x direction
5
y
number of pockets, y direction
12
Fig 26. Tray details
Fig 27. Tray alignment
001aah890
AC
D
B
E
F
y
x
001aah857
PC8532-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com