Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8532 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCF8532
Description  Universal LCD driver for low multiplex rates
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8532 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCF8532 Datasheet HTML 10Page - NXP Semiconductors PCF8532 Datasheet HTML 11Page - NXP Semiconductors PCF8532 Datasheet HTML 12Page - NXP Semiconductors PCF8532 Datasheet HTML 13Page - NXP Semiconductors PCF8532 Datasheet HTML 14Page - NXP Semiconductors PCF8532 Datasheet HTML 15Page - NXP Semiconductors PCF8532 Datasheet HTML 16Page - NXP Semiconductors PCF8532 Datasheet HTML 17Page - NXP Semiconductors PCF8532 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
PCF8532_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 1 — 10 February 2009
14 of 44
NXP Semiconductors
PCF8532
Universal LCD driver for low multiplex rates
7.9 Backplane outputs
The LCD drive section includes four backplane outputs: BP0 to BP3. The backplane
output signals are generated in accordance with the selected LCD drive mode.
• In the 1:4 multiplex drive mode BP0 to BP3 must be connected directly to the LCD.
If less than four backplane outputs are required the unused outputs can be left
open-circuit.
• In 1:3 multiplex drive mode BP3 carries the same signal as BP1, therefore these two
adjacent outputs can be tied together to give enhanced drive capabilities.
• In 1:2 multiplex drive mode BP0 and BP2, BP1 and BP3 respectively carry the same
signals and may also be paired to increase the drive capabilities.
• In static drive mode the same signal is carried by all four backplane outputs and they
can be connected in parallel for very high drive requirements.
The pins for the four backplanes BP0 to BP3 are available on both pin bars of the chip. In
applications it is possible to use either the pins for the backplanes
• on the top pin bar
• on the bottom pin bar
• or both of them to increase the driving strength of the device.
When using all backplanes available they may be connected to the respective sibling (BP0
on the top pin bar with BP0 on the bottom pin bar and so on).
7.10 Display RAM
The display RAM is a static 160
× 4-bit RAM which stores LCD data. A logic 1 in the RAM
bit map indicates the on-state of the corresponding LCD element (it is shaded); similarly, a
logic 0 indicates the off-state (it is translucent). There is a one-to-one correspondence
between the RAM addresses and the segment outputs and between the individual bits of
a RAM word and the backplane outputs. The first RAM row corresponds to the
160 elements operated with respect to backplane BP0 (see Figure 9). In multiplexed LCD
applications the segment data of the first, second, third and fourth row of the display RAM
are time-multiplexed with BP0, BP1, BP2 and BP3 respectively.
When display data is transmitted to the PCF8532 the display bytes received are stored in
the display RAM in accordance with the selected LCD drive mode. The data is stored as it
arrives and does not wait for the acknowledge cycle as with the commands. Depending on
the current multiplex mode data is stored singularly, in pairs, triplets or quadruplets, e.g. in
1:2 multiplex mode the RAM data is stored every second bit. To illustrate the filling order,
an example of a 7-segment numeric display showing all drive modes is given in Figure 10;
the RAM filling organization depicted applies equally to other LCD types.
The following applies to Figure 10:
• In static drive mode the eight transmitted data bits are placed in row 0 to eight
successive display RAM addresses.
• In 1:2 multiplex mode the eight transmitted data bits are placed in row 0 and 1 to four
successive display RAM addresses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com