Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8532 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # PCF8532
Description  Universal LCD driver for low multiplex rates
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8532 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button PCF8532 Datasheet HTML 24Page - NXP Semiconductors PCF8532 Datasheet HTML 25Page - NXP Semiconductors PCF8532 Datasheet HTML 26Page - NXP Semiconductors PCF8532 Datasheet HTML 27Page - NXP Semiconductors PCF8532 Datasheet HTML 28Page - NXP Semiconductors PCF8532 Datasheet HTML 29Page - NXP Semiconductors PCF8532 Datasheet HTML 30Page - NXP Semiconductors PCF8532 Datasheet HTML 31Page - NXP Semiconductors PCF8532 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
PCF8532_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 1 — 10 February 2009
28 of 44
NXP Semiconductors
PCF8532
Universal LCD driver for low multiplex rates
10. Static characteristics
[1]
LCD outputs are open-circuit; inputs at VSS or VDD; I2C-bus inactive; VLCD = 8.0 V, VDD = 5.0 V and RAM written with all logic 1.
[2]
External clock with 50 % duty factor.
[3]
Variation between any 2 backplanes on a given voltage level; static measured.
[4]
Variation between any 2 segments on a given voltage level; static measured.
Table 17.
Static characteristics
VDD = 1.8 V to 5.5 V; VSS = 0 V; VLCD = 2.5 V to 8.0 V; Tamb = −40 °C to +85 °C; unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Supplies
VDD
supply voltage
1.8
-
5.5
V
VLCD
LCD supply voltage
1.8
-
8.0
V
IDD
supply current
fclk(ext) = 1.800 kHz
[1][2
]
-4
20
µA
with internal oscillator running
[1]
-18
60
µA
IDD(LCD) LCD supply current
fclk(ext) = 1.800 kHz
[1][2
]
-30
70
µA
with internal oscillator running
[1]
-30
70
µA
Logic
VI
input voltage
on pins SDA, SDAACK and SCL
−0.5
-
5.5
V
all other input pins
−0.5
-
(VDD + 0.5) ≤ 5.5 V
VIH
HIGH-level input voltage
on pins CLK, SYNC, OSC, A0,
A1, SA0, SCL and SDA
0.7VDD
--
V
VIL
LOW-level input voltage
on pins CLK, SYNC, OSC, A0,
A1, SA0, SCL and SDA
-
-
0.3VDD
V
VO
output voltage
on pins SCL and SYNC
−0.5
-
(VDD + 0.5) ≤ 5.5 V
pin SDAACK
−0.5
-
5.5
V
IOH
HIGH-level output
current
VOH = 4.6 V; VDD = 5 V; on pin
CLK
1.5
-
-
mA
IOL
LOW-level output current VOL = 0.4 V; VDD =5V;
on pins CLK and SYNC
-
-
−1.5
mA
on pin SDAACK
-
-
−3mA
VPOR
power-on reset voltage
1.0
1.3
1.6
V
IL
leakage current
VI =VDD or VSS; on pin OSC,
CLK, A0, A1, SA0, SDA,
SDAACK and SCL
−1-
+1
µA
LCD outputs
∆VO
output voltage variation
on pins BP0 to BP3 and S0 to
S159
[3][4
]
−30
-
+30
mV
RO
output resistance
VLCD = 5 V; on pins BP0 to BP3
-
1.5
5
k
Ω
VLCD = 5 V; on pins S0 to S159
-
2.0
5
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com